Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW50R140CP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPW50R140CP
Description  CoolMOS Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW50R140CP Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPW50R140CP_08 Datasheet HTML 1Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 2Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 3Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 4Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 5Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 6Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 7Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 8Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
9?E,'@(+'4?
 & C; : ?>;?>.3,<,.>0<4=>4.=
 & C; /<,49 =: ?<.0 : 9 =>,>0 <0=4=>,9 .0
( >7Y#. >M
>M - ]    [!
+ >M#ba$7Y#( > - ]    [!
G8I8D <K
<I . AM
AM
G8I8D <K
<I . AM
AM
  <,49 =: ?<.0 : 9 =>,>0 <0=4=>,9 .0
 & C; ><,9 =10<.3,<,.>0<4=>4.=
+ >M#ba$7Y#- ] ( >     . AM
AM   4
( >7Y#. AM
AM R
. >M
>Mn8,n( >n+ >M#ba$`Tk
G8I8D <K
<I - ]
glc
  
'%',
'%(
'%(,
'%)
'%),
'%*
'%*,
$-'
$)'
)'
-'
(''
(+'
(/'
'
Q *E
 +
  [!
   [!
'
)'
)'
+'
+'
-'
-'
/'
/'
(''
'
)
+
-
/
('
(
8A
8A *( +
  4
 4
  4
 4
 4
 4
  4
  4
'
('
('
)'
)'
*'
*'
+'
+'
,'
,'
'
,
('
(,
)'
),
(
5A
5A *( +
  4
 4
  4
 4
  4
'%)
'%*
'%+
'%,
'%-
'%.
'%/
'
('
)'
*'
+'
,'
-'
#
5 * +
0 <M  
G8>< 
       



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com