Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW50R140CP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPW50R140CP
Description  CoolMOS Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW50R140CP Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPW50R140CP_08 Datasheet HTML 3Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 4Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 5Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 6Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 7Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 8Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 9Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 10Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
9?E,'@(+'4?
 & C; .,;,.4>,9 .0=
 & C;  : ===>: <0/ 09 0<2C
% 7Y#. >M
>M . AM
AM  4  /   + & Q
' bff$ Y!.
!. >M
>M"
'
*
-
0
()
()
'
(''
)''
*''
+''
,''
(
5A
5A *( +
=\ff
=bff
=eff
('
('
'
('
('
(
('
('
)
('
('
*
('
('
+
('
('
,
+
+*
+*
+**
+**
+***
+***
+***
+****
+****
+****
+*****
+*****
+*****
'
(''
)''
*''
+''
,''
(
5A
5A *( +
0 <M  
G8>< 
       



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com