Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW50R140CP Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPW50R140CP
Description  CoolMOS Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW50R140CP Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPW50R140CP_08 Datasheet HTML 1Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 2Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 3Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 4Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 5Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 6Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 7Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 8Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
9?E,'@(+'4?
! ,B48 ?8 <,>49 2= 8K- ]   [! LEC<JJ FK?<IN @J< JG<: @=@<;
?HXHTLZLX
A_TIVS 4VUKPZPVUY
CUPZ
!FEK
@ELFLJ ;@F;< =FIN 8I; : LII<EK
( M
;
"@F;< GLCJ< : LII<EK
,$
,$
( M&ch_fX
/0
/0
0 <M<IJ< ;@F;< ;2 )W
)W1
.$
.$
W2 )W
)W1
+/
P)af
?HXHTLZLX
A_TIVS 4VUKPZPVUY
CUPZ
TPU%
Z_W%
TH^%
& 30<8 ,7.3,<,.>0<4=>4.=
2?<ID 8C I<J@JK
8E: < A
LE: K
@FE : 8J<
+ g[D=
'
'
*(0/
E)Q
+ g[D;
_XTWXW
'
'
0,
1 FC;<I@E> K
<D G<I8K
LI<
N 8M<JFC;<I@E> FECP 8CCFN <; 8KC<8;J
- fb_W
  D D     @E 
=IFD : 8J< =FI  J
'
'
,0*
w=
 70.><4.,7.3,<,.>0<4=>4.= 8K- ]   [! LEC<JJ FK?<IN @J< JG<: @=@<;
% >,>4. .3,<,.>0<4=>4.=
"I8@E JFLI:< 9I<8B;FN E MFCK
8><
. #<L$>MM . AM
AM  4( >    ] 
/**
'
'
P
% 8K
< K
?I<J?FC; MFCK
8><
. AM#g[$
. >M
>M7. AM
AM ( >    D 
,(/
-
-(/
7<IF >8K
< MFCK
8>< ;I8@E : LII<EK
( >MM
. >M
>M    4. AM
AM  4
- ]   [!
'
'
,
y;
. >M
>M    4. AM
AM  4
- ]    [!
'
,*
'
% 8K
< JFLI:< C<8B8>< : LII<EK
( AMM
. AM
AM   4. >M
>M  4
'
'
+**
a;
"I8@E JFLI:< FE JK
8K
< I<J@JK
8E: <
+ >M#ba$
. AM
AM   4( >   
- ]   [!
'
*(+-
*(+.
"
. AM
AM   4( >   
- ]    [!
'
*(-,
'
% 8K
< I<J@JK
8E: <
+ A
/   + & Q FG<E ;I8@E
 
"
DHS[L
- =   [!
+.
+.
DHS[LY
2?<ID 8C I<J@JK
8E: < A
LE: K
@FE
T`U\Xag
0 <M  
G8>< 
       



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com