Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPW50R140CP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPW50R140CP
Description  CoolMOS Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPW50R140CP Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPW50R140CP_08 Datasheet HTML 1Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 2Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 3Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 4Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 5Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 6Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 7Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 8Page - Infineon Technologies AG IPW50R140CP_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
9?E,'@(+'4?
4VVS=>A
B=
B= # : A0<& <,9 =4=>: <
7LHZ[XLY
X5 FIC;N @;< 9<JK+ &,
&, &ba @
E 2-   
X*FN <JK=@>LI< F=D <I@K0 IH
IH O / Z
X3 CK
I8 CFN >8K
< : ?8I><
X# OK
I<D < ;M;KI8K
<;
X& @>? G<8B: LII<EK: 8G89@C@K
P
X. 9 =I<< C<8; GC8K
@E> 0 F& 1 : FD GC@8EK
X/ L8_!=@<;                  8: : FI;@E>KF ( # "# !
+$
+$
 : : 7! " %  # 4=/0=429 0/ 1: <
X& 8I;  JF=KJN @K
: ?@E> 1 + . 1 K
FGFCF>@<J
X!!+ . $ ! =FI 26 , FK
<9FFB8;8GK
<I . ". 8E; *!" 24
X. 5 + =FI 26 , FK
<9FFB8;8GK
<I . ". 8E; *!" 24
! ,B48 ?8 <,>49 2= 8K- ]   [! LEC<JJFK?<IN @J< JG<: @=@<;
?HXHTLZLX
A_TIVS 4VUKPZPVUY
CUPZ
!FEK
@ELFLJ ;I8@E : LII<EK
( >
- =   [!
;
- =    [!
. LCJ<; ;I8@E : LII<EK
,$
,$
( >&ch_fX
- =   [!
 M8C8E: ?< <E<I>P J@E>C< GLCJ<
' ;M
;M
( >   . >>
>>   4
0+0
`D
`D
 M8C8E: ?< <E<I>P I<G<K
@K
@M< 1 ;L
;L
,$&-$
' ;L
;L
( >   . >>
>>   4
 M8C8E: ?< : LII<EK
I<G<K
@K
@M< 1 ;L
;L
,$&-$
( ;L
;L
;
+ - 1 $ # 2 ;2 )W
)W1 IL>><;E<JJ
W2 )W
)W1
. >M
>M     4
P)af
% 8K
< JFLI:< MFCK
8><
. AM
AM
fgTg\V
P
 ! /   & Q
. FN <I;@JJ@G8K
@FE
) gbg
- =   [!
Q
- G<I8K
@E> 8E; JK
FI8>< K
<D G<I8K
LI<
- ] - fgZ
w=
w=
+ FLEK
@E> K
FIHL<
+  8E; +   J: I<N J
0*
0*
HV`
x-*
+3,
    
*(3-
3(-
/*
/*
x,*
DHS[L
,-
,-
+/
+/
/0
/0
. "1 9N
9N]`Tk
//*
P
+ >M#ba$&`Tk
*(+.*
"
* Z&glc
.2
.2
a=
a=
# <: /?.>% ?8 8 ,<C
B_WL
?HJRHNL
=HXRPUN
CJQ/*L+.*=J
JA'NI,.1
/L+.*J
JA'NI,.1
0 <M  
G8>< 
       


Similar Part No. - IPW50R140CP_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW50R140CP INFINEON-IPW50R140CP Datasheet
361Kb / 10P
CoolMOSTM Power Transistor
Rev. 1.01 2007-02-06
logo
Inchange Semiconductor ...
IPW50R140CP ISC-IPW50R140CP Datasheet
396Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IPW50R140CP_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPA90R500C3 INFINEON-IPA90R500C3 Datasheet
371Kb / 10P
CoolMOS Power Transistor
Rev. 1.0 2008-07-29
IPA90R800C3 INFINEON-IPA90R800C3 Datasheet
271Kb / 10P
CoolMOS Power Transistor
Rev. 1.0 2008-07-30
IPB60R299CPA INFINEON-IPB60R299CPA Datasheet
441Kb / 11P
CoolMOS Power Transistor
Rev. 2.0 2009-09-09
IPD60R520CP INFINEON-IPD60R520CP Datasheet
653Kb / 10P
CoolMOS Power Transistor
2008-02-15 revision:2.0
IPI60R099CP INFINEON-IPI60R099CP_08 Datasheet
290Kb / 10P
CoolMOS Power Transistor
Rev. 2.0 2008-02-19
IPS50R520CP INFINEON-IPS50R520CP Datasheet
611Kb / 10P
CoolMOS Power Transistor
2008-04-15 revision:2.1
SPA15N65C3 INFINEON-SPA15N65C3 Datasheet
282Kb / 10P
CoolMOS Power Transistor
Rev. 2.0 2008-03-12
SPP24N60CFD INFINEON-SPP24N60CFD_09 Datasheet
545Kb / 12P
CoolMOS Power Transistor
Rev. 1.3 2009-12-01
IPP60R099CPA INFINEON-IPP60R099CPA Datasheet
306Kb / 11P
CoolMOS Power Transistor
Rev. 2.2 2009-11-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com