Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C20121 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # CY8C20121
Description  CapSense Express ??One Button and Two Button Capacitive Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button CY8C20121 Datasheet HTML 35Page - Cypress Semiconductor CY8C20121 Datasheet HTML 36Page - Cypress Semiconductor CY8C20121 Datasheet HTML 37Page - Cypress Semiconductor CY8C20121 Datasheet HTML 38Page - Cypress Semiconductor CY8C20121 Datasheet HTML 39Page - Cypress Semiconductor CY8C20121 Datasheet HTML 40Page - Cypress Semiconductor CY8C20121 Datasheet HTML 41Page - Cypress Semiconductor CY8C20121 Datasheet HTML 42Page - Cypress Semiconductor CY8C20121 Datasheet HTML 43Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. *G
Page 39 of 43
ICE
The in-circuit emulator that allows you to test the project in a hardware environment, while
viewing the debugging device activity in a software environment (PSoC Designer).
input/output (I/O) A device that introduces data into or extracts data from a system.
interrupt
A suspension of a process, such as the execution of a computer program, caused by an event
external to that process, and performed in such a way that the process can be resumed.
interrupt service
routine (ISR)
A block of code that normal code execution is diverted to when the M8C receives a hardware
interrupt. Many interrupt sources may each exist with its own priority and individual ISR code
block. Each ISR code block ends with the RETI instruction, returning the device to the point in
the program where it left normal program execution.
jitter
1. A misplacement of the timing of a transition from its ideal position. A typical form of corruption that occurs on
serial data streams.
2. The abrupt and unwanted variations of one or more signal characteristics, such as the interval between
successive pulses, the amplitude of successive cycles, or the frequency or phase of successive cycles.
low-voltage detect
(LVD)
A circuit that senses VDD and provides an interrupt to the system when VDD falls lower than a selected threshold.
M8C
An 8-bit Harvard-architecture microprocessor. The microprocessor coordinates all activity inside
a PSoC by interfacing to the Flash, SRAM, and register space.
master device
A device that controls the timing for data exchanges between two devices. Or when devices are
cascaded in width, the master device is the one that controls the timing for data exchanges
between the cascaded devices and an external interface. The controlled device is called the
slave device.
microcontroller
An integrated circuit chip that is designed primarily for control systems and products. In addition
to a CPU, a microcontroller typically includes memory, timing circuits, and I/O circuitry. The reason
for this is to permit the realization of a controller with a minimal quantity of chips, thus
achieving maximal possible miniaturization. This in turn, reduces the volume and the cost of
the controller. The microcontroller is normally not used for general-purpose computation as is a
microprocessor.
mixed-signal
The reference to a circuit containing both analog and digital techniques and components.
modulator
A device that imposes a signal on a carrier.
noise
1. A disturbance that affects a signal and that may distort the information carried by the signal.
2. The random variations of one or more characteristics of any entity such as voltage, current, or data.
oscillator
A circuit that may be crystal controlled and is used to generate a clock frequency.
parity
A technique for testing transmitting data. Typically, a binary digit is added to the data to make the
sum of all the digits of the binary data either always even (even parity) or always odd (odd parity).
Phase-locked
loop (PLL)
An electronic circuit that controls an oscillator so that it maintains a constant phase angle relative
to a reference signal.
pinouts
The pin number assignment: the relation between the logical inputs and outputs of the PSoC
device and their physical counterparts in the printed circuit board (PCB) package. Pinouts
involve pin numbers as a link between schematic and PCB design (both being computer generated
files) and may also involve pin names.
20. Glossary (continued)
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com