Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C20121 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CY8C20121
Description  CapSense Express ??One Button and Two Button Capacitive Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CY8C20121 Datasheet HTML 9Page - Cypress Semiconductor CY8C20121 Datasheet HTML 10Page - Cypress Semiconductor CY8C20121 Datasheet HTML 11Page - Cypress Semiconductor CY8C20121 Datasheet HTML 12Page - Cypress Semiconductor CY8C20121 Datasheet HTML 13Page - Cypress Semiconductor CY8C20121 Datasheet HTML 14Page - Cypress Semiconductor CY8C20121 Datasheet HTML 15Page - Cypress Semiconductor CY8C20121 Datasheet HTML 16Page - Cypress Semiconductor CY8C20121 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. *G
Page 13 of 43
8.6 OP_SEL_x
Logic Operation Selection Registers
This register is used to enable logic operation on GP outputs. OP_SEL_0 should be configured to get the logic operation output on
DIG0 output and OP_SEL_1 for DIG1 output. Write to these registers during the disable state of respective DIG output pins does not
have any effect.
The input to the logic operation can be selected in LOGIC_OPRX registers. The selected inputs can be ORed or ANDed. The output
of logic operation can also be inverted.
8.7 LOGICAL_OPR_INPUTx
Selects Input for Logic Operation
LOGICAL_OPR_INPUT0: 1Eh
LOGICAL_OPR_INPUT1: 23h (Not available for 1 button)
LOGICAL_OPR_INPUT0
LOGICAL_OPR_INPUT1
These registers are used to give the input to logic operation block. The inputs can be only CapSense input status.
OP_SEL_0: 1Ch
OP_SEL_1: 21h (Not available for 1 Button)
1/2Button
7654321
0
Access: FD
RW: 0
RW: 0
RW: 0
Bit Name
Op_En
InvOp
Operator
Bit
Name
Description
7
Op_En
This bit enables or disables logic operation.
0
Disable logic operation
1
Enable logic operation
1
InvOp
This bit enables or disables logic operation output inversion.
0
Logic operation output not inverted
1
Logic operation output inverted
0
Operator
This bit selects which operator should be used to compute logic operation.
0
Logic operator OR is used on inputs
1
Logic operator AND is used on inputs
1 Button
7654321
0
Access: FD
RW:01
Bit Name
CSL[0]
2 Button
7654321
0
Access: FD
RW:01
Bit Name
CSL [1:0]
2 Button
7654321
0
Access: FD
RW:02
Bit Name
CSL [1:0]
Bit
Name
Description
1:0
CSL [1:0]
These bits selects the input for logic operation block.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com