Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C20121 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY8C20121
Description  CapSense Express ??One Button and Two Button Capacitive Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY8C20121 Datasheet HTML 17Page - Cypress Semiconductor CY8C20121 Datasheet HTML 18Page - Cypress Semiconductor CY8C20121 Datasheet HTML 19Page - Cypress Semiconductor CY8C20121 Datasheet HTML 20Page - Cypress Semiconductor CY8C20121 Datasheet HTML 21Page - Cypress Semiconductor CY8C20121 Datasheet HTML 22Page - Cypress Semiconductor CY8C20121 Datasheet HTML 23Page - Cypress Semiconductor CY8C20121 Datasheet HTML 24Page - Cypress Semiconductor CY8C20121 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. *G
Page 21 of 43
8.25 CS_READ_BLx
Baseline Value MSB/LSB Registers
Reading from this register returns the 2-byte current baseline value for the selected CapSense input.
8.26 CS_READ_DIFFx
Difference Count Value MSB/LSB Registers
Reading from this register returns the 2-byte current difference count for the selected CapSense input.
8.27 CS_READ_RAWx
Difference Count Value MSB/LSB Registers
Reading from this register returns the 2-byte current raw count value for the selected CapSense input.
CS_READ_BLM: 82h
CS_READ_BLL: 83h
1/2 Button
7654321
0
Access: FD
R: 00
Bit Name
BL [7:0]
Bit
Name
Description
7:0
BL [7:0]
These bits represent the baseline value.
CS_READ_DIFFM: 82h
CS_READ_DIFFL: 83h
1/2 Button
7654321
0
Access: FD
R: 00
Bit Name
DIF [7:0]
Bit
Name
Description
7:0
DIF [7:0]
These bits represent the sensor difference count.
CS_READ_RAWM: 82h
CS_READ_RAWL: 83h
1/2 Button
7654321
0
Access: FD
R: 00
Bit Name
RC [7:0]
Bit
Name
Description
7:0
RC [7:0]
These bits represent the raw count value.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com