Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C20121 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8C20121
Description  CapSense Express ??One Button and Two Button Capacitive Controllers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20121 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8C20121 Datasheet HTML 1Page - Cypress Semiconductor CY8C20121 Datasheet HTML 2Page - Cypress Semiconductor CY8C20121 Datasheet HTML 3Page - Cypress Semiconductor CY8C20121 Datasheet HTML 4Page - Cypress Semiconductor CY8C20121 Datasheet HTML 5Page - Cypress Semiconductor CY8C20121 Datasheet HTML 6Page - Cypress Semiconductor CY8C20121 Datasheet HTML 7Page - Cypress Semiconductor CY8C20121 Datasheet HTML 8Page - Cypress Semiconductor CY8C20121 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. *G
Page 2 of 43
3. Contents
Pinouts .............................................................................. 3
Typical Circuits ................................................................. 4
Circuit-1: One Button and One LED[1] ........................ 4
Circuit-2: One Button and One LED with
I2C Interface ................................................................ 4
Circuit-3: Two Buttons and Two LEDs with
I2C Interface ................................................................ 5
Circuit-4: Compatibility with 1.8 V I2C Signaling[2] ..... 5
Circuit-5: Powering Down CapSense Express
Device for Low Power Requirements .......................... 6
Operating Modes .............................................................. 6
Normal Mode ............................................................... 6
Setup Mode ................................................................. 6
I2C Interface ...................................................................... 6
I2C Device Addressing ................................................ 6
I2C Clock Stretching .................................................... 7
Format for Register Write and Read ........................... 7
Registers ........................................................................... 7
OUTPUT_STATUS ................................................... 10
OUTPUT_PORT ........................................................ 10
CS_ENABLE ............................................................. 10
DIG_ENABLE ............................................................ 11
SET_STRONG_DM .................................................. 11
OP_SEL_x ................................................................. 13
LOGICAL_OPR_INPUTx .......................................... 13
CS_NOISE_TH ......................................................... 14
CS_BL_UPD_TH ....................................................... 14
CS_SETL_TIME ........................................................ 14
CS_OTH_SET ........................................................... 15
CS_HYSTERISIS ...................................................... 15
CS_DEBOUNCE ....................................................... 16
CS_NEG_NOISE_TH ................................................ 16
CS_LOW_BL_RST .................................................... 16
CS_FILTERING ......................................................... 17
CS_SCAN_POS_x .................................................... 17
CS_FINGER_TH_x ................................................... 18
CS_IDAC_x ............................................................... 18
I2C_ADDR_LOCK ..................................................... 18
DEVICE_ID ............................................................... 19
DEVICE_STATUS ..................................................... 19
I2C_ADDR_DM ......................................................... 20
CS_READ_BUTTON ................................................. 20
CS_READ_BLx ......................................................... 21
CS_READ_DIFFx ...................................................... 21
CS_READ_RAWx ..................................................... 21
CS_READ_STATUS ................................................. 22
COMMAND_REG ...................................................... 22
Layout Guidelines and Best Practices ......................... 24
Example PCB Layout Design with
Two CapSense Buttons and Two LEDs .................... 26
Operating Voltages ......................................................... 27
CapSense Constraints ................................................... 27
Electrical Specifications ................................................ 28
Absolute Maximum Ratings ....................................... 28
Operating Temperature ............................................. 28
DC Electrical Characteristics ..................................... 28
DC Chip Level Specifications .................................... 28
DC GPIO Specifications ............................................ 28
DC POR and LVD Specifications .............................. 29
DC Flash Write Specifications ................................... 29
DC I2C Specifications ............................................... 30
CapSense Electrical Characteristics ......................... 30
AC Electrical Specifications ....................................... 31
AC Chip-Level Specifications .................................... 31
AC GPIO Specifications ............................................ 31
AC I2C Specifications ................................................ 31
Examples of Frequently Used I2C Commands ............ 33
Ordering Information ...................................................... 34
Ordering Code Definitions ......................................... 34
Thermal Impedances ...................................................... 34
Solder Reflow Specifications ........................................ 34
Package Diagram ............................................................ 35
Acronyms ........................................................................ 36
Acronyms Used .............................................................. 36
Document Conventions ................................................. 36
Units of Measure ....................................................... 36
Numeric Conventions ................................................ 36
Glossary .......................................................................... 37
Document History Page ................................................. 42
Sales, Solutions, and Legal Information ...................... 43
Worldwide Sales and Design Support ....................... 43
Products .................................................................... 43
PSoC Solutions ......................................................... 43
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com