Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929HGUI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16929HGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929HGUI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16929HGUI Datasheet HTML 7Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 8Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 9Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 10Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 11Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 12Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 13Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 14Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Pin Description (continued)
PIN
NAME
FUNCTION
10
FBB
Buck Converter Feedback Input. FBB is regulated to either 3.3V or 5V. Connect FBB to the output-volt-
age node, OUTB, as shown in the Typical Application Circuit.
11
AVL
Buck Converter Internal 5V Regulator. Connect a 1FF capacitor between AVL and the analog ground
plane. Do not use AVL to power external circuitry.
12
BST
Buck Converter Bootstrap Capacitor Connection. Connect a 0.1FF capacitor between BST and LXB.
13, 14
LXB
Buck Converter Inductor Connection. Connect the inductor, boost capacitor, and catch diode at this
node.
15, 16
INB
Buck Converter Power Input. Connect to a 4V to 28V supply. Connect a 1FF or larger ceramic capaci-
tor in parallel with a 47FF bulk capacitor from INB to the power ground plane. Connect both INB power
inputs together.
17
ENB
Buck Converter Enable Input. ENB is a high-voltage compatible input. Connect to INB for normal opera-
tion and connect to ground to disable the buck converter.
18, 23
GND
Analog Ground
19
PGOOD
Open-Drain Power-Good Output. Connect PGOOD to INA through an external pullup resistor.
20
CP
Positive-Gate Voltage Regulator Power Input. Connect CP to the positive output of the external charge
pump. Ensure that VCP does not exceed the CP overvoltage threshold as given in the Electrical
Characteristics table.
21
GH
Positive-Gate Voltage Regulator Output
22
DRVN
Negative-Gate Voltage Regulator Driver Output. DRVN is the open drain of an internal p-channel FET.
Connect DRVN to the base of an external npn pass transistor.
24
COMPI
Boost Slope Compensation Connection. Connect a capacitor between COMPI and GND to set the
slope compensation.
25
FBGH
Positive-Gate Voltage Regulator Feedback Input. FBGH is regulated to 1V. Connect FBGH to the center
of a resistive divider connected between GH and GND.
26
FBGL
Negative-Gate Voltage Regulator Feedback Input. FBGL is regulated to 0.25V. Connect FBGL to the
center of a resistive divider connected between REF and the output of the negative-gate voltage
regulator.
27
REF
1.25V Reference Output. Bypass REF to GND with a 0.1FF ceramic capacitor.
28
SEQ
Sequencing Input. SEQ has an internal 500kI pulldown resistor. SEQ determines the sequence in
which VGH and VGL power-up. See Table 1 for supply sequencing options.
—
EP
Exposed Pad. Connect to a large contiguous copper ground plane for optimal heat dissipation. Do not
use EP as the only electrical ground connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com