Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929HGUI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX16929HGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929HGUI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX16929HGUI Datasheet HTML 1Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 2Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 3Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 4Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 5Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 6Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 7Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 8Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
����������������������������������������������������������������� Maxim Integrated Products 5
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
ELECTRICAL CHARACTERISTICS (continued)
(VINB = 12V, VINA = 5V, VGND = VPGNDP = 0V, TA = TJ = -40NC to +105NC, typical values are at TA = +25NC, unless otherwise noted.)
(Note 2)
Note 2: Specifications over temperature are guaranteed by design and not production tested.
Note 3: Operation in light-load conditions or at extreme duty cycles result in skipped cycles, resulting in lower operating frequency
and possibly limited output accuracy and load response.
Note 4: 50% of the soft-start voltage time is due to the soft-start ramp, and the other 50% is due to the settling of the output voltage.
Note 5: Guaranteed by design; not production tested.
Note 6: After the voltage at CP exceeds this overvoltage threshold, the entire circuit switches off and autoretry is started.
Note 7: FB power good is indicated by PGOOD. The condition VFB < VPG_FB does not shutdown/restart the device.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PGOOD Threshold
VPG_FBGL
Measured at FBGL
0.38
0.4
0.42
V
FBGL Input Bias Current
VFBGL = +0.25V
Q
1
F
A
DRVN Source Current
VFBGL = +0.5V, VDRVN = -10V
2
mA
DRVN Source Current Limit
2.5
4
mA
GL Soft-Start Time
7.45
ms
1.8V/3.3V REGULATOR CONTROLLER
Output Voltage
VFB
VDR = VFB
3.3V regulator option
3.18
3.3
3.38
V
1.8V regulator option
1.746
1.8
1.854
FB PGOOD Threshold
VPG_FB
Measured at FB
(Notes 5, 7)
3.3V regulator option,
FB rising
2.4
2.57
2.7
V
1.8V regulator option
1.364
1.38
1.396
FB Input Bias Current
VFB = 1.8V
2.5
F
A
VFB = 3.3V
4.5
DR Drive Current
VFB = 1.8V
4.5
6
mA
INPUT SERIES SWITCH CONTROL
p-Channel FET GATE Sink Current
VGATE = 0.5V
33
55
75
F
A
GATE Voltage Threshold
Measured at GATE; below this voltage, the
external p-channel FET is considered on
1.25
V
DIGITAL LOGIC
ENP, SEQ Input Pulldown Resistor
Value
RPD
500
kI
ENP, SEQ Input-Voltage Low
VIL
0.3 x VINA
V
ENP, SEQ Input-Voltage High
VIH
0.7 x VINA
V
PGOOD Leakage Current
ILK_IN
TA = +25NC
Q
1
F
A
PGOOD Output-Voltage Low
VOL
2mA sink current, TA = +25NC
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com