Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929HGUI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16929HGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929HGUI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16929HGUI Datasheet HTML 1Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 2Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 3Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 4Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 5Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 6Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 7Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 8Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
����������������������������������������������������������������� Maxim Integrated Products 2
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
INB, ENB to GND ..................................................-0.3V to +42V
BST to GND...........................................................-0.3V to +47V
BST to LXB ..............................................................-0.3V to +6V
LXB to GND..............................................................-6V to +42V
AVL, PGOOD to GND .............................................-0.3V to +6V
FBB, ENB to GND .................................................-0.5V to +12V
CP, GH to GND .....................................................-0.3V to +31V
CP, GH to GND (VINA = 3.3V) ..............................-0.3V to +29V
LXP to GND...........................................................-0.3V to +20V
DRVN to GND........................................................-25V to +0.3V
INA, COMPV, FBP to GND......................................-0.3V to +6V
ENP, DR, FB, GATE, COMPI, FBGH,
FBGL, REF, SEQ to GND .....................-0.3V to (VINA + 0.3V)
GND to PGNDP....................................................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70NC)
TSSOP (derate 27mW/NC above +70NC)...................2162mW
Operating Temperature Range........................ -40NC to +105NC
Junction Temperature Range........................... -40NC to +150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
TSSOP
Junction-to-Ambient Thermal Resistance (BJA) ..........37NC/W
Junction-to-Case Thermal Resistance (BJC) .................2NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
ELECTRICAL CHARACTERISTICS
(VINB = 12V, VINA = 5V, VGND = VPGNDP = 0V, TA = TJ = -40NC to +105NC, typical values are at TA = +25NC, unless otherwise noted.)
(Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BUCK CONVERTER
Supply Voltage Range
VINB
VOUTB = 5V (Note 3)
5.5
28
V
VOUTB = 3.3V (Note 3)
4
28
t < 500ms
42
Supply Current
IINB
VENB = 0V
6
9
F
A
VENB = VINB, no load, TA = +25NC
70
Undervoltage Lockout
VINB,UVLO AVL rising
3.1
3.5
V
Undervoltage Lockout Hysteresis
0.5
V
PWM Switching Frequency
fSWB
1.9
2.1
2.3
MHz
Spread-Spectrum Range
SSR
+6
%
Output-Voltage Accuracy
VOUTB
6V P VINB P 18V,
ILOAD < full load
5V, continuous mode
-3%
5
+3%
V
5V, skip mode
-3%
5
+6%
3.3V, continuous mode
-3%
3.3
+3%
3.3V, skip mode
-3%
3.3
+6%
High-Side DMOS RDS_ON
RDS_ON(LXB) ILXB = 1A
180
400
mI
Skip-Current Threshold
ISKIP
16
%IMAX
Current-Limit Threshold
IMAX
IOUTB = 1.2A option
1.6
2
2.4
A
IOUTB = 2.0A option
2.7
3.4
4.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com