Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16929HGUI Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX16929HGUI
Description  Automotive TFT-LCD Power Supply with Boost Converter and Gate Voltage Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16929HGUI Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX16929HGUI Datasheet HTML 16Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 17Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 18Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 19Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 20Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 21Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 22Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 23Page - Maxim Integrated Products MAX16929HGUI Datasheet HTML 24Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
���������������������������������������������������������������� Maxim Integrated Products 20
MAX16929
Automotive TFT-LCD Power Supply with Boost
Converter and Gate Voltage Regulators
Stability Requirements
The positive-gate voltage regulator (GH) requires a mini-
mum output capacitance for stability. For an output volt-
age of 5V to (VCP - 2V) and an output current of 10mA to
15mA, use a minimum capacitance of 0.47FF.
Negative-Gate Voltage Regulator
Output-Voltage Selection
The output voltage of the negative-gate voltage regula-
tor can be adjusted by using a resistive voltage-divider
formed by RTOP and RBOTTOM. Connect RTOP between
REF and FBGL, and connect RBOTTOM between FBGL
and the collector of the external npn transistor. Select
RTOP greater than 20kI to avoid loading down the ref-
erence output. Calculate RBOTTOM with the following
equation:
FBGL
GL
BOTTOM
TOP
REF
FBGL
V
V
R
R
V
V
−
=
×
−
where VGL is the desired output voltage, VREF = 1.25V,
and VFBGL = 0.25V (the regulated feedback voltage of
the regulator).
Pass Transistor Selection
The pass transistor must meet specifications for current
gain (hFE), input capacitance, collector-emitter saturation
voltage, and power dissipation. The transistor’s current
gain limits the guaranteed maximum output current to:
BE
LOAD(MAX)
DRVN
FE(MIN)
BE
V
I
(I
) h
R
=
−
×
where IDRVN is the minimum guaranteed base-drive cur-
rent, VBE is the transistor’s base-to-emitter forward volt-
age drop, and RBE is the pulldown resistor connected
between the transistor’s base and emitter. Furthermore,
the transistor’s current gain increases the regulator’s DC
loop gain (see the Stability Requirements section), so
excessive gain destabilizes the output.
The transistor’s saturation voltage at the maximum output
current determines the minimum input-to-output volt-
age differential that the regulator can support. Also, the
package’s power dissipation limits the usable maximum
input-to-output voltage differential. The maximum power-
dissipation capability of the transistor’s package and
mounting must exceed the actual power dissipated in
the device. The power dissipated equals the maximum
load current (ILOAD(MAX)_GL) multiplied by the maximum
input-to-output voltage differential:
PNPN_GL = (VGL - VCN) × ILOAD(MAX)_GL
where VGL is the regulated output voltage on the collec-
tor of the transistor, VCN is the inverting charge-pump
output voltage applied to the emitter of the transistor,
and ILOAD(MAX)_GL is the maximum load current. Note
that the external transistor is not short-circuit protected.
Stability Requirements
The device’s negative-gate voltage regulator uses an
internal transconductance amplifier to drive an external
pass transistor. The transconductance amplifier, the
pass transistor, the base-emitter resistor, and the output
capacitor determine the loop stability.
The transconductance amplifier regulates the output volt-
age by controlling the pass transistor’s base current. The
total DC loop gain is approximately:
BIAS
FE
V_GL
REF
T
LOAD
I
h
4
A
(
) (1
) V
V
I
×
≅
× +
×
where VT is 26mV at room temperature, and IBIAS is the
current through the base-to-emitter resistor (RBE). For
the device, the bias current for the negative-gate voltage
regulator is 0.1mA. Therefore, the base-to-emitter resistor
should be chosen to set 0.1mA bias current:
BE
BE
V
0.7V
R
7k
0.1mA
0.1mA
=
=
=
Ω
Use the closest standard resistor value of 6.8kI. The
output capacitor and the load resistance create the
dominant pole in the system. However, the internal
amplifier delay, pass transistor’s input capacitance,
and the stray capacitance at the feedback node create
additional poles in the system, and the output capacitor’s
ESR generates a zero. For proper operation, use the fol-
lowing equations to verify that the regulator is properly
compensated:
1) First, determine the dominant pole set by the regula-
tor’s output capacitor and the load resistor:
LOAD(MAX)_GL
POLE_GL
OUT_GL
OUT_GL
I
f
2
C
V
=
π ×
×
The unity-gain crossover frequency of the regulator is:
fCROSSOVER = AV_GL × fPOLE_GL
2) The pole created by the internal amplifier delay is
approximately 1MHz:
fPOLE_AMP = 1MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com