Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8593T
Description  Low power clock and calendar
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8593T Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8593T Datasheet HTML 1Page - NXP Semiconductors PCF8593T Datasheet HTML 2Page - NXP Semiconductors PCF8593T Datasheet HTML 3Page - NXP Semiconductors PCF8593T Datasheet HTML 4Page - NXP Semiconductors PCF8593T Datasheet HTML 5Page - NXP Semiconductors PCF8593T Datasheet HTML 6Page - NXP Semiconductors PCF8593T Datasheet HTML 7Page - NXP Semiconductors PCF8593T Datasheet HTML 8Page - NXP Semiconductors PCF8593T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
PCF8593
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 6 October 2010
2 of 35
NXP Semiconductors
PCF8593
Low power clock and calendar
4.
Marking
5.
Block diagram
Table 2.
Marking codes
Type number
Marking code
PCF8593P
PCF8593P
PCF8593T
8583T
Fig 1.
Block diagram of PCF8593
013aaa379
PCF8593
OSCI
OSCO
INT
SCL
SDA
OSCILLATOR
RESET
I2C-BUS
INTERFACE
DIVIDER
CONTROL
LOGIC
ADDRESS
REGISTER
00h
01h
02h
03h
04h
05h
06h
07h
0Fh
control/status
hundredth second
seconds
minutes
hours
year/date
weekdays/months
timer
alarm or RAM
RESET
VSS
VDD
08h
to
alarm control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com