Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593T Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8593T
Description  Low power clock and calendar
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8593T Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8593T Datasheet HTML 9Page - NXP Semiconductors PCF8593T Datasheet HTML 10Page - NXP Semiconductors PCF8593T Datasheet HTML 11Page - NXP Semiconductors PCF8593T Datasheet HTML 12Page - NXP Semiconductors PCF8593T Datasheet HTML 13Page - NXP Semiconductors PCF8593T Datasheet HTML 14Page - NXP Semiconductors PCF8593T Datasheet HTML 15Page - NXP Semiconductors PCF8593T Datasheet HTML 16Page - NXP Semiconductors PCF8593T Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
PCF8593
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 6 October 2010
13 of 35
NXP Semiconductors
PCF8593
Low power clock and calendar
In the 50 Hz clock mode or event-counter mode the oscillator is disabled and the oscillator
input is switched to a high-impedance state. This allows the user to feed the 50 Hz
reference frequency or an external high speed event signal into the input OSCI.
7.10.1 Designing
When designing the printed-circuit board layout, keep the oscillator components as close
to the IC package as possible, and keep all other signal lines as far away as possible. In
applications involving tight packing of components, shielding of the oscillator may be
necessary. AC coupling of extraneous signals can introduce oscillator inaccuracy.
7.11 Initialization
Note that immediately following power-on, all internal registers are undefined and,
following a RESET pulse on pin 3, must be defined via software. Attention should be paid
to the possibility that the device may be initially in event-counter mode, in which event the
oscillator will not operate. Over-ride can be achieved via software.
Reset is accomplished by applying an external RESET pulse (active LOW) at pin 3. When
reset occurs only the I2C-bus interface is reset. The control and status register and all
clock counters are not affected by RESET. RESET must return HIGH during device
operation.
An RC combination can also be utilized to provide a power-on RESET signal at pin 3. In
this event, the values of the PCF8593 must fulfil the following relationship to guarantee
power-on reset (see Figure 13).
RESET input must be input must be
≤ 0.3V
DD when VDD reaches VDD(min) (or higher).
It is recommended to set the stop counting flag of the control and status register before
loading the actual time into the counters. Loading of illegal states may lead to a temporary
clock malfunction.
To avoid overload of the internal diode by falling VDD, an external diode should be added in parallel
to RR if CR ≥ 0.2 μF. Note that RC must be evaluated with the actual VDD of the application, as their
value will be VDD rise-time dependent.
Fig 13. PCF8593 reset
RESET
PCF8593
VDD
013aaa388
VDD
RR
reset
input
CR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com