Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593T Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCF8593T
Description  Low power clock and calendar
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8593T Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCF8593T Datasheet HTML 12Page - NXP Semiconductors PCF8593T Datasheet HTML 13Page - NXP Semiconductors PCF8593T Datasheet HTML 14Page - NXP Semiconductors PCF8593T Datasheet HTML 15Page - NXP Semiconductors PCF8593T Datasheet HTML 16Page - NXP Semiconductors PCF8593T Datasheet HTML 17Page - NXP Semiconductors PCF8593T Datasheet HTML 18Page - NXP Semiconductors PCF8593T Datasheet HTML 19Page - NXP Semiconductors PCF8593T Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
PCF8593
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 6 October 2010
16 of 35
NXP Semiconductors
PCF8593
Low power clock and calendar
8.2 I2C-bus protocol
8.2.1 Addressing
Before any data is transmitted on the I2C-bus, the device which must respond is
addressed first. The addressing is always carried out with the first byte transmitted after
the start procedure.
The clock and calendar acts as a slave receiver or slave transmitter. The clock signal SCL
is only an input signal but the data signal SDA is a bidirectional line.
The clock and calendar slave address is shown in Table 5.
8.2.2 Clock and calendar READ or WRITE cycles
The I2C-bus configuration for the different PCF8593 READ and WRITE cycles is shown in
Figure 18, Figure 19 and Figure 20.
Table 5.
I2C slave address byte
Slave address
Bit
7
6
5
4
3
2
1
0
MSB
LSB
10
10
00
1R/W
Fig 18. Master transmits to slave receiver (WRITE mode)
S
0A
SLAVE ADDRESS
REGISTER ADDRESS A
A
DATA
P
acknowledgement
from slave
acknowledgement
from slave
acknowledgement
from slave
R/W
auto increment
memory register address
013aaa346
n bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com