Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF8593T
Description  Low power clock and calendar
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8593T Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF8593T Datasheet HTML 1Page - NXP Semiconductors PCF8593T Datasheet HTML 2Page - NXP Semiconductors PCF8593T Datasheet HTML 3Page - NXP Semiconductors PCF8593T Datasheet HTML 4Page - NXP Semiconductors PCF8593T Datasheet HTML 5Page - NXP Semiconductors PCF8593T Datasheet HTML 6Page - NXP Semiconductors PCF8593T Datasheet HTML 7Page - NXP Semiconductors PCF8593T Datasheet HTML 8Page - NXP Semiconductors PCF8593T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
PCF8593
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 6 October 2010
5 of 35
NXP Semiconductors
PCF8593
Low power clock and calendar
7.3 Control and status register
The control and status register is defined as the memory location 00h with free access for
reading and writing via the I2C-bus. All functions and options are controlled by the
contents of the control and status register (see Figure 4).
Fig 4.
Control and status register
timer flag:
alarm flag:
alarm enable bit:
mask flag:
function mode:
00
01
10
11
hold last count flag:
logic 0:
logic 1:
stop counting flag:
logic 0:
logic 1:
7
6
5
4
321
0
MSB
LSB
013aaa382
memory location 00h
alarm disabled: flags toggle
alarm control register to disabled
(memory locations 08h to 0Fh
are free RAM space)
logic 1:
enable alarm control register
(memory location 08h is the
alarm control register)
logic 0:
read locations 05h to 06h
unmasked
logic 1:
read date and month count
directly
50 % duty factor
seconds flag if alarm enable bit
is logic 0
50 % duty factor
minutes flag if alarm enable bit
is logic 0
logic 0:
clock mode 32.768 kHz
clock mode 50 Hz
event-counter mode
test modes
store and hold last count in
capture latches
count
count pulses
stop counting, reset divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com