Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9556PW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9556PW
Description  Octal SMBus and I2C registered interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9556PW Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9556PW Datasheet HTML 1Page - NXP Semiconductors PCA9556PW Datasheet HTML 2Page - NXP Semiconductors PCA9556PW Datasheet HTML 3Page - NXP Semiconductors PCA9556PW Datasheet HTML 4Page - NXP Semiconductors PCA9556PW Datasheet HTML 5Page - NXP Semiconductors PCA9556PW Datasheet HTML 6Page - NXP Semiconductors PCA9556PW Datasheet HTML 7Page - NXP Semiconductors PCA9556PW Datasheet HTML 8Page - NXP Semiconductors PCA9556PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Philips Semiconductors
Product data
PCA9556
Octal SMBus and I2C registered interface
2002 Mar 28
4
REGISTERS
Command Byte
Command
Protocol
Function
0
Read byte
Input port register
1
Read/write byte
Output port register
2
Read/write byte
Polarity inversion register
3
Read/write byte
Configuration register
The command byte is the first byte to follow the address byte during
a write transmission. It is used as a pointer to determine which of the
following registers will be written or read.
Register 0 — Input Port Register
I7
I6
I5
I4
I3
I2
I1
I0
This register is an read-only port. It reflects the incoming logic levels
of the pins, regardless of whether the pin is defined as an input or an
output by register 3. Writes to this register have no effect.
Register 1 — Output Port Register
bit
O7
O6
O5
O4
O3
O2
O1
O0
default
0
0
0
0
0
0
0
0
This register reflects the outgoing logic levels of the pins defined as
outputs by register 3. Bit values in this register have no effect on
pins defined as inputs. In turn, reads from this register reflect the
value that is in the flip-flop controlling the output selection, NOT the
actual pin value.
Register 2 — Polarity Inversion Register
bit
N7
N6
N5
N4
N3
N2
N1
N0
default
1
1
1
1
0
0
0
0
This register enables polarity inversion of pins defined as inputs by
register 3. If a bit in this register is set (written with ‘1’), the
corresponding port pin’s polarity is inverted. If a bit in this register is
cleared (written with a ‘0’), the corresponding port pin’s original
polarity is retained.
Register 3 — Configuration Register
bit
C7
C6
C5
C4
C3
C2
C1
C0
default
1
1
1
1
1
1
1
1
This register configures the directions of the I/O pins. If a bit in this
register is set, the corresponding port pin is enabled as an input with
high impedance output driver. If a bit in this register is cleared, the
corresponding port pin is enabled as an output.
RESET
Power-on Reset
When power is applied to VDD, an internal power-on reset holds the
PCA9556 in a reset state until VDD has reached VPOR. At that point,
the reset condition is released and the PCA9556 registers and
SMBus state machine will initialize to their default states.
External Reset
A reset can be accomplished by holding the RESET pin low for a
minimum of TW. The PCA9556 registers and SMBus/I2C state
machine will be held in their default state until the RESET input is
once again high. This input typically requires a pull-up to 3.3 V VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com