Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9556PW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9556PW
Description  Octal SMBus and I2C registered interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9556PW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9556PW Datasheet HTML 5Page - NXP Semiconductors PCA9556PW Datasheet HTML 6Page - NXP Semiconductors PCA9556PW Datasheet HTML 7Page - NXP Semiconductors PCA9556PW Datasheet HTML 8Page - NXP Semiconductors PCA9556PW Datasheet HTML 9Page - NXP Semiconductors PCA9556PW Datasheet HTML 10Page - NXP Semiconductors PCA9556PW Datasheet HTML 11Page - NXP Semiconductors PCA9556PW Datasheet HTML 12Page - NXP Semiconductors PCA9556PW Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Philips Semiconductors
Product data
PCA9556
Octal SMBus and I2C registered interface
2002 Mar 28
10
DC CHARACTERISTICS
VDD = 3.0 to 5.5 V; VSS = 0 V; Tamb = –40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VDD = 3.3 V
VDD = 5 V
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
Supplies
VDD
Supply voltage
3.0
—
3.6
4.5
—
5.5
V
IDD
Supply current
Operating mode; no load;
VI = VDD or VSS;
fSCL = 100 kHz
—
300
425
—
1100
1500
µA
Istb
Standby current
Standby mode; no load;
VI = VDD or VSS;
fSCL = 0 kHz
—
25
50
–
65
100
µA
VPOR
Power-on reset voltage
VDD = 3.3 V; no load;
VI = VDD or VSS; note 1
—
1.3
2.4
–
1.3
2.4
V
Input SCL; input/output SDA
VIL
LOW level input voltage
–0.5
—
0.8
–0.5
—
0.8
V
VIH
HIGH level input voltage
2.1
—
5.5
2.1
—
5.5
V
IOL
LOW level output current
VOL = 0.4 V
3
—
—
3
—
—
mA
IL
Leakage current
VI = VDD = VSS
–1
—
+1
–1
—
+1
µA
CI
Input capacitance
VI = VSS
—
—
10
—
—
10
pF
I/Os
VIL
LOW level input voltage
–0.5
—
0.8
–0.5
—
0.8
V
VIH
HIGH level input voltage
2.0
—
VDD
+ 0.5
2.0
—
VDD
+ 0.5
V
IIHL(max)
Maximum allowed input current
through protection diode (I/O1 – I/O7)
VI ≥ VDD or VI ≤ VSS
—
—
±400
—
—
±400
µA
IOL
LOW level output current
VOL = 0.55 V; VDD = 3.3 V;
note 2
8
10
—
8
10
—
mA
HIGH level output current except I/O0
VOH = 2.4 V; VDD = 3.3 V;
note 3
4
—
—
4
—
—
mA
IOH
HIGH level output current on I/O0
VDD = 3.6 V; VOH = 4.6 V
—
—
1
—
—
1
µA
HIGH level output current on I/O0
VDD = 0 V; VOH = 3.3 V
—
—
1
—
—
1
µA
IL
Input leakage current
VDD = 3.6 V; VI = 0 or VDD
–1
—
1
–1
—
1
µA
CI
Input capacitance
—
—
10
—
—
10
pF
CO
Output capacitance
—
—
10
—
—
10
pF
Select Inputs A0, A1, A2, and RESET
VIL
LOW level input voltage
–0.5
—
0.8
–0.5
—
0.8
V
VIH
HIGH level input voltage
2.0
—
VDD
+ 0.5
2.0
—
VDD
+ 0.5
V
ILI
Input leakage current
–1
—
1
–1
—
1
µA
NOTES:
1. The power-on reset circuit resets the SMBus logic with VDD < VPOR and sets all I/Os to their default values.
2. The maximum total sink current must be limited to 54 mA at +85
°C, and 80 mA at +70 °C.
3. The maximum total source current must be limited to 54 mA at +85
°C, and 80 mA at +70 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com