Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9556PW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9556PW
Description  Octal SMBus and I2C registered interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9556PW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9556PW Datasheet HTML 5Page - NXP Semiconductors PCA9556PW Datasheet HTML 6Page - NXP Semiconductors PCA9556PW Datasheet HTML 7Page - NXP Semiconductors PCA9556PW Datasheet HTML 8Page - NXP Semiconductors PCA9556PW Datasheet HTML 9Page - NXP Semiconductors PCA9556PW Datasheet HTML 10Page - NXP Semiconductors PCA9556PW Datasheet HTML 11Page - NXP Semiconductors PCA9556PW Datasheet HTML 12Page - NXP Semiconductors PCA9556PW Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Philips Semiconductors
Product data
PCA9556
Octal SMBus and I2C registered interface
2002 Mar 28
11
AC SPECIFICATIONS
SYMBOL
PARAMETER
LIMITS
UNITS
SYMBOL
PARAMETER
MIN
MAX
UNITS
fSBM
SMB operating frequency
10
100
KHz
tBUF
Bus free time between stop and start conditions
4.7
—
µs
tHO:STA
Hold time after (repeated) start condition
4.0
—
µs
tSU:STA
Repeated start condition setup time
4.7
—
µs
tHO:DAT
Data hold time
300
—
ns
tSU:DAT
Data setup time
250
—
ns
tLOW
Clock LOW period
4.7
—
µs
tHIGH
Clock HIGH period
4.0
—
µs
tF
Clock/Data fall time
—
300
ns
tR
Clock/Data rise time
—
1000
ns
Port Timing
tPV
Output data valid
—
4
µs
tPS
Input data setup time
0
—
µs
tPH
Input data hold time
4
—
µs
Reset
tW
Reset pulse width
2
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com