Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9556PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9556PW
Description  Octal SMBus and I2C registered interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9556PW Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9556PW Datasheet HTML 1Page - NXP Semiconductors PCA9556PW Datasheet HTML 2Page - NXP Semiconductors PCA9556PW Datasheet HTML 3Page - NXP Semiconductors PCA9556PW Datasheet HTML 4Page - NXP Semiconductors PCA9556PW Datasheet HTML 5Page - NXP Semiconductors PCA9556PW Datasheet HTML 6Page - NXP Semiconductors PCA9556PW Datasheet HTML 7Page - NXP Semiconductors PCA9556PW Datasheet HTML 8Page - NXP Semiconductors PCA9556PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product data
PCA9556
Octal SMBus and I2C registered interface
2
2002 Mar 28
853-2138 27929
FEATURES
• SMBus compliance with fixed 3.3V voltage levels
• Operating power supply voltage range of 3.0 V – 5.5 V
• Active high polarity inverter register
• Each I/O is configurable as an input or output
• Active low reset pin
• Low leakage current on power-down
• Noise filter on SCL/SDA inputs
• No glitch on power-up
• Internal power-on reset
• 8 I/O pins which default to 8 inputs
• High impedance open drain on I/O0
• ESD protection exceeds 2000 V HBM per JESD22-A114,
200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JESDEC Standard JESD78 which
exceeds 100 mA
DESCRIPTION
The PCA9556 is a silicon CMOS circuit which provides parallel
input/output expansion for SMBus applications. The PCA9556
consists of an 8-bit input port register, 8-bit output port register, and
an SMBus interface. It has low current consumption and a high
impedance open drain output pin, I/O0.
The SMBus system master can reset the PCA9556 in the event of a
timeout by asserting a LOW on the reset input. The SMBus system
master can also invert the PCA9556 inputs by writing to the active
HIGH polarity inversion bits. Finally, the system master can enable
the PCA9556’s I/Os as either inputs or outputs by writing to the
configuration register.
The power-on reset puts the registers in their default state and
initializes the SMBus state machine. The RESET pin causes the
same reset/initialization to occur without depowering the part.
The PCA9557 8-bit I2C SMBus I/O port with reset is the higher
performance pin-for-pin replacement for the PCA9556.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
su01045
SCL
SDA
A0
A1
A2
I/O0
I/O1
VSS
VDD
RESET
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
Figure 1. Pin configuration
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
SCL
Serial clock line
2
SDA
Serial data line
3
A0
Address input 0
4
A1
Address input 1
5
A2
Address input 2
6
I/O0
I/O0 (open drain)
7
I/O1
I/O1
8
VSS
Supply GROUND
9–14
I/O2–I/O7
I/O2 to I/O7
15
RESET
External reset (active LOW)
16
VDD
Supply voltage
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
16-Pin Plastic TSSOP
–40 to +85
°C
PCA9556PW
SOT403-1
Standard packing quantities and other packaging data is available at www.philipslogic.com/packaging.
SMBus as specified by the Smart Battery System Implementers Forum is a derivative of the Philips I2C patent.
I2C is a trademark of Philips Semiconductors Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com