Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR-R Datasheet(PDF) 4 Page - Vectron International, Inc

Part # XR-R
Description  XR-R (HC35 or TO-5) Cold Weld Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

XR-R Datasheet(HTML) 4 Page - Vectron International, Inc

  XR-R Datasheet HTML 1Page - Vectron International, Inc XR-R Datasheet HTML 2Page - Vectron International, Inc XR-R Datasheet HTML 3Page - Vectron International, Inc XR-R Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Vectron International • 4914 Gray Road • Cincinnati, OH 45232 • Tel: 513-542-5555 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Typical Environmental Speci cations
TEST DESCRIPTION
SPECIFICATION REFERENCE
SHOCK
MIL-STD-202, Method 213, Cond. C (100g, 6ms, Half-Sine)
VIBRATION
MIL-STD-202, Method 201/204 (Random-Sine, 20g)
TEMPERATURE CYCLE
MIL-STD-883, Method 1010 (-55oC/+125oC), 10 cycles
THERMAL SHOCK
MIL-STD-202, Method 107
MOISTURE RESISTANCE
MIL-STD-202, Method 106
SALT ATMOSPHERE
MIL-STD-202, Method 101
ACCELERATION
MIL-STD-883, Method 2001, Condition A (5,000g)
SOLDERABILITY
MIL-STD-202, Method 208 (ANSI-EIA-J-STD-002)
TERMINAL STRENGTH
MIL-STD-202, Method 211 (2lbs)
PIND
MIL-STD-883, Method 2020, Condition A or B (20g, 10g)
FINE LEAK
MIL-STD-202, Method 112, Condition C-IIIc (1x10-8 atm/cc2)
GROSS LEAK
MIL-STD-202, Method 112, Condition D
RESISTANCE TO SOLVENTS
MIL-STD-202, Method 215
RESISTANCE TO SOLDERING HEAT
MIL-STD-202, Method 210, Condition K
HIGH TEMPERATURE STORAGE
MIL-STD-883, Method 1008, Condition C (+125oC, 168 hours)
LOW TEMPERATURE STORAGE
MIL-PRF-3098
Vectron is uniquely equipped to
handle all of your special test
requirements. All environmental
and qualification related tests are
performed in house. We’ve
demonstrated compliance and the
ability to test to the requirements
of all governing industry and
military crystal specifications (past
and present).
Some of which include;
• MIL-PRF-3098
• MIL-C-49468
• MIL-C-3098
• TOR-2006 (8583)-5236
• EEE-INST-002
• MIL-PRF-55310
• MIL-STD-202
• MIL-STD-883
• 0THERS
Additional Technical Information
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 12/2009
For Additional Information, Please Contact
USA:
Vectron International
4914 Gray Road
Cincinnati, OH 45232
Tel: 1.513.542.5555
Fax: 1.513.542.5146
Tel: 1.888.328.7661
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
1F-2F, No 8 Workshop, No 308 Fenju Road
WaiGaoQiao Free Trade Zone
Pudong, Shanghai, China 200131
Tel: 86.21.5048.0777
Fax: 86.21.5048.1881
Typical Wave Solder Reflow Profile (Sn-Pb)
Diagrams of Series and Parallel Resonant Circuits



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com