Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR-R Datasheet(PDF) 2 Page - Vectron International, Inc

Part # XR-R
Description  XR-R (HC35 or TO-5) Cold Weld Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

XR-R Datasheet(HTML) 2 Page - Vectron International, Inc

  XR-R Datasheet HTML 1Page - Vectron International, Inc XR-R Datasheet HTML 2Page - Vectron International, Inc XR-R Datasheet HTML 3Page - Vectron International, Inc XR-R Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vectron International designs and manufactures HC35 series crystals for a wide variety of commercial and high reliabilty
applications. Our proven cleanroom finish processes and fully integrated environmental vacuum bake cold weld systems yield
excellent aging and low perturbations.
We have tight controls over series resistance, motional capacitance, temperature characteristics and other parameters critical to your
application. We primarily build to customer specifications but we’ve optimized designs on all frequencies that are commonly used in
telecommunications.
Please feel free to contact us with your questions. We are here to assist you with selecting the best performing and most cost
effective crystal for your application.
Typical Electrical Performance Characteristics
Vectron International • 4914 Gray Road • Cincinnati, OH 45232 • Tel: 513-542-5555 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
TYPICAL ESR & C
1 BY MODE AND FREQUENCY RANGE
Mode
Frequency Range
(MHz)
*ESR Typical
(ohms)
*C
1 Typical
(fF)
Fund.
7 - 35 MHz
25-360
5 - 25
3rd
17 - 105 MHz
40
1 -2.5
5th
40 - 175 MHz
75
0.70
7th
70 - 225 MHz
120
0.35
EQUIVALENT CIRCUIT OF A CRYSTAL RESONATOR
*ESR and C1 values are dependent upon the specified frequency and mode of vibration.
AT-CUT VARIETIES
Performance Characterisitc
Symbol
Typical Performance Specifications
Frequency Range
F
O
7 MHz to 225 MHz
Operating Temperature Range
-55oC to +125oC (high temperature up to +200oC available)
Frequency Stability over Operating Temp Range
F
T
+/- 5 ppm to +/- 50 ppm (mode, frequency and operating temp range dependent)
Frequency Calibration Tolerance +25oC
F
R-FL
+/- 10 ppm typical (+/- 2 ppm available)
Equivalent Series Resistance
R (ESR)
10 ohms to 100 ohms (mode and frequency dependent)
Shunt Capacitance
C
0
2.5 pF - 4 pF typical (MIL-PRF-3098 CR101, CR102, CR103 types < 7 pF max.)
Motional Capacitance
C
1
0.1 fF - 30 fF (mode and frequency dependent)
Load Capacitance
C
L
series to 32 pF (customer specified load)
Drive Level
DL
100 uW (50 uW to 5 mW)
Aging per year after first 30 days
< 3 ppm (< 1ppm available)
DOUBLY ROTATED (DR)-CUT VARIETIES (SC, MODIFIED SC, IT, ETC...)
Performance Characterisitc
Symbol
Typical Performance Specifications
Frequency Range
F
O
7 MHz to 225 MHz
Turn Point
TP
+75oC to +105oC (mode, cut, frequency dependent, other turn points available)
Frequency Calibration Tolerance
F
R-FL
+/- 1 ppm to +/- 5 ppm typical
Equivalent Series Resistance
R (ESR)
15 ohms to 180 ohms (mode and frequency dependent)
Shunt Capacitance
C
0
2.5 pF - 4 pF typical
Motional Capacitance
C
1
0.1 fF - 30 fF (mode and frequency dependent)
Load Capacitance
C
L
series to 32 pF (customer specified load)
Drive Level
DL
100 uW (50 uW to 5 mW)
Aging per year after first 30 days
1 ppm
PHASE NOISE @ 100 Hz OFFSET (dBc/Hz)
Mode - Cut
Frequency Range
Phase Noise
Fundamental-AT
7 MHz -to 30 MHz
-80 to -115
Fundamental-DR
3rd OT - AT
17 MHz - 105 MHz
-80 to -135
3rd OT - DR
-115 to -150
5th OT - AT
40 MHz - 175 MHz
-90 to -135
5th OT - DR
-115 to -140
7th OT - AT
70 MHz - 225 MHz
-80 to -110
Phase Noise performance is mode and frequency dependent
NOMINAL G-SENSITIVITY (4 pt. blank mount)
Cut
G-SENSITIVITY
AT
1 X 10-9 /g (average attainable when specified)
DR (SC-IT)
5 x 10-10/g (average attainable when specified)
Results assume same frequency and mode when specified. Better results are available.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com