Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR-R Datasheet(PDF) 3 Page - Vectron International, Inc

Part # XR-R
Description  XR-R (HC35 or TO-5) Cold Weld Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

XR-R Datasheet(HTML) 3 Page - Vectron International, Inc

  XR-R Datasheet HTML 1Page - Vectron International, Inc XR-R Datasheet HTML 2Page - Vectron International, Inc XR-R Datasheet HTML 3Page - Vectron International, Inc XR-R Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Vectron International • 4914 Gray Road • Cincinnati, OH 45232 • Tel: 513-542-5555 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
PART NUMBER ORDERING INFORMATION
A
CODE
XR
CRYSTAL
RESONATOR
B
CODE
X
X
X
X
PACKAGE
ATTRIBUTES
(see B details)
C
D
E
CODE
CODE
CODE
X
X
X
F
G
H
J
CODE
CODE
CODE
CODE
X
X
X
X
K
FREQUENCY
000M000000
MODE
LOAD CAPACITANCE (CL)
OPERATING
TEMPERATURE
RANGE
TEMPERATURE
STABILITY
CALIBRATION
TOLERANCE
ATTRIBUTE
(TBD)
CALIBRATION
TEMPERATURE
OUTPUT
FREQUENCY
(MHZ)
PART NUMBER CODES (attribute details)
*Note: not all combination of options are available.
Other speci cation parameters may be available
(i.e., tighter tolderances/stabilities). Please consult
the factory for your speci c needs.
C
CODE
MODE
1
Fund
3
3rd OT
5
5th OT
7
7th OT
9
9th OT
D
CODE
LOAD
CAPACITANCE
S
Series
A
8 pF
B
10 pF
C
12 pF
D
15 pF
E
18 pF
F
20 pF
G
25 pF
H
30 pF
J
32 pF
K
35 pF
M
40 pF
N
45 pF
P
50 pF
R
55 pF
S
60 pF
T
65 pF
U
70 pF
V
75 pF
W
80 pF
Y
90 pF
Z
Custom
E
CODE
OPERATING
TEMPERATURE
RANGE
A
-55oC to +85oC
B
-55oC to +105oC
C
-55oC to +125oC
D
-40oC to +70oC
E
-40oC to +85oC
F
-40oC to +105oC
G
-30oC to +80oC
H
-30oC to +85oC
J
-20oC to +70oC
K
-10oC to +60oC
M
-10oC to +75oC
N
-5oC to +70oC
P
0oC to +50oC
R
0oC to +55oC
S
0oC to +60oC
T
0oC to +70oC
U
0oC to +85oC
V
+10oC to +40oC
W
-10oC to +70oC
Y
-55oC to +185oC
Z
-20oC to +180oC
1
0oC to +150oC
2
0oC to +200oC
9
Custom
F
CODE
FREQUENCY
STABILITY
OVER
TEMPERATURE
A
+/- 5 ppm
B
+/- 10 ppm
C
+/- 12 ppm
D
+/- 15 ppm
E
+/- 20 ppm
F
+/- 25 ppm
G
+/- 30 ppm
H
+/- 32 ppm
J
+/- 40 ppm
K
+/- 50 ppm
M
+/- 60 ppm
N
+/- 75 ppm
P
+/- 80 ppm
R
+/- 90 ppm
S
+/- 100 ppm
T
+/- 130 ppm
U
+/- 150 ppm
V
+/- 200 ppm
W
+/- 250 ppm
Y
+/- 300 ppm
Z
Custom
G
CODE
FREQUENCY
CALIBRATION
TOLERANCE
A
+/- 5 ppm
B
+/- 10 ppm
C
+/- 12 ppm
D
+/- 15 ppm
E
+/- 20 ppm
F
+/- 25 ppm
G
+/- 30 ppm
H
+/- 32 ppm
J
+/- 40 ppm
K
+/- 50 ppm
M
+/- 60 ppm
N
+/- 75 ppm
P
+/- 80 ppm
R
+/- 90 ppm
S
+/- 100 ppm
T
+/- 130 ppm
U
+/- 150 ppm
V
+/- 200 ppm
W
+/- 250 ppm
Y
+/- 300 ppm
Z
Custom
H
CODE
FREQUENCY
CALIBRATION
TEMPERATURE
A
+25oC
B
+50oC
C
+55oC
D
+60oC
E
+65oC
F
+70oC
G
+75oC
H
+80oC
J
+85oC
K
+90oC
M
+95oC
N
+100oC
P
+105oC
R
+110oC
S
+115C
T
+120oC
U
+125oC
Z
Custom
CALIBRATION
TEMPERATURE IS
ALWAYS +25oC
UNLESS OTHERWISE
SPECIFIED
J
CODE
TBD
A
TBD
B
TBD
C
TBD
D
TBD
E
TBD
F
TBD
G
TBD
H
TBD
J
TBD
K
TBD
M
TBD
N
TBD
P
TBD
R
TBD
S
TBD
T
TBD
U
TBD
Z
Custom
B
X
X
X
X
CODE
PACKAGE TYPE
CODE
PACKAGE HEIGHT (A)
CODE
SEAL METHOD
CODE
LEAD STYLE
R
HC35
1
.265 (6.73)
1
CW
1
STANDARD
2
.230 (5.84)
2
SOLDER DIP
3
.200 (5.08)
3
CUT PIN 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com