Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR-R Datasheet(PDF) 1 Page - Vectron International, Inc

Part # XR-R
Description  XR-R (HC35 or TO-5) Cold Weld Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

XR-R Datasheet(HTML) 1 Page - Vectron International, Inc

  XR-R Datasheet HTML 1Page - Vectron International, Inc XR-R Datasheet HTML 2Page - Vectron International, Inc XR-R Datasheet HTML 3Page - Vectron International, Inc XR-R Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XR-R (HC35 or TO-5) Cold Weld Series
Crystal Resonator
Vecton International’s XR-R (HC35-TO5 style) cold weld crystals provide a precision, high reliability design in a rugged mount.
These precision crystals o er excellent industry leading performance characterisitcs and tight stabilities in a wide range of
frequencies. Low phase noise and low g-sensitivty options make this an ideal choice for Microwave, Satellite, Telemetry, Radar
and Military Communication applications.
• Industry Standard Base (2 pt, 3 pt, 4 pt blank mounts)
• Variety of package heights available
• AT, SC and IT-Cut Fundamental and OT Modes
• Low Phase Noise, Low G-Sensitivity options
• Tight Stabilities and Tolerances, Excellent Aging
• Robust Rugged Design for demanding environments
• Swept Quartz & Hi-Rel Screening Options Available
• High Temperature Options to +200oC
• MIL-PRF-3098 equivalent (CR101/U, CR102/U, CR103/U)
• Telecommunications
• Military & Defense
• Microwave
• Telemetry
• Ground and Satellite Communications
• Precision Oscillators (TCXO, VCXO, OCXO)
Features
Applications
Standard Physical Speci cations
Description
XR-R (HC35) Series
HEIGHT
CODE
OPTION
PACKAGE EXAMPLES
XR-R SERIES
inches
mm
1
0.265
6.73
2
0.230
5.84
3
0.200
5.08
Reference dimensions specified in inches and millimeters (mm).
Specification subject to change without notice.
Vectron International • 4914 Gray Road • Cincinnati, OH 45232 • Tel: 513-542-5555 • Tel: 1-88-VECTRON-1 • http://www.vectron.com


Similar Part No. - XR-R

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-1015 EXAR-XR-1015 Datasheet
777Kb / 17P
Seventh Order Elliptic Low Pass Filters
XR-1015CN EXAR-XR-1015CN Datasheet
777Kb / 17P
Seventh Order Elliptic Low Pass Filters
XR-1015CP EXAR-XR-1015CP Datasheet
777Kb / 17P
Seventh Order Elliptic Low Pass Filters
XR-1016 EXAR-XR-1016 Datasheet
777Kb / 17P
Seventh Order Elliptic Low Pass Filters
XR-1016CD EXAR-XR-1016CD Datasheet
777Kb / 17P
Seventh Order Elliptic Low Pass Filters
More results

Similar Description - XR-R

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV821 NSC-LMV821 Datasheet
1Mb / 24P
Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Cree, Inc
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
XLamp® XR-E LED
logo
Acutechnology Semicondu...
AQ265 ACUTECH-AQ265 Datasheet
467Kb / 8P
Adjustable Hot- Cold Thermostat SOT23-5 Package
Revision 1.5 January 31, 2007
logo
Maxim Integrated Produc...
MAX31855 MAXIM-MAX31855 Datasheet
1Mb / 13P
Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 0; 3/11
logo
Vectron International, ...
XR-A VECTRON-XR-A Datasheet
627Kb / 4P
XR-A (HC49) Series Resistance Weld
XR-B VECTRON-XR-B Datasheet
557Kb / 4P
XR-B (HC43) Series Cold Weld
XR-U VECTRON-XR-U Datasheet
585Kb / 4P
XR-U (HC37 or TO-8) Series Cold Weld
logo
Maxim Integrated Produc...
MAX31855_1111 MAXIM-MAX31855_1111 Datasheet
1Mb / 13P
Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 1; 11/11
MAX31855 MAXIM-MAX31855_12 Datasheet
1Mb / 13P
Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 2; 2/12
logo
Lapp.
53113500 LAPP-53113500 Datasheet
256Kb / 2P
SKINTOP® COLD M / COLD-R M
02.12.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com