Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLV321 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LLV321
Description  GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LLV321 Datasheet(HTML) 3 Page - Unisonic Technologies

  LLV321 Datasheet HTML 1Page - Unisonic Technologies LLV321 Datasheet HTML 2Page - Unisonic Technologies LLV321 Datasheet HTML 3Page - Unisonic Technologies LLV321 Datasheet HTML 4Page - Unisonic Technologies LLV321 Datasheet HTML 5Page - Unisonic Technologies LLV321 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LLV321
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R105-041.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VI
-VS-0.5~+VS+0.5
V
Supply Voltages
Vs
0~+6
V
Maximum Junction Temperature
TJ
+175
°C
Storage Temperature Range
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Operating
VS
2.5~5.5
V
Ambient Operating Temperature
TOPR
-40~+125
°C
ELECTRICAL CHARACTERISTICS
(TC= 25°C, VS = +2.7V, G = 2, RL = 10kΩ to VS/2, RF = 10kΩ, VO(DC) = VCC/2; unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
AC Performance
Gain Bandwidth Product
GBWP
CL = 50pF, RL =2kΩ to VS/2
1.2
MHz
Phase Margin
Φm
52
deg
Gain Margin
Gm
17
dB
Slew Rate
SR
VO= 1VPP
1.5
V/µs
Input Voltage Noise
en
>50kHz
36
nV/√Hz
DC Performance
Input Offset Voltage (Note 1)
VOS
1.7
7
mV
Average Drift
TCVOS
8
µV/°C
Input Bias Current (Note 2)
IB
<1
nA
Input Offset Current (Note 2)
IOS
<1
nA
Power Supply Rejection Ratio (Note 1)
PSRR
DC
50
65
dB
Supply Current
IS
80
120
µA
Input Characteristics
VCML
Low
0
-0.25
V
Input Common Mode Voltage Range
(Note 1)
VCMH
High
1.5
1.3
V
Common Mode Rejection Ratio (Note 1)
CMRR
50
70
dB
Output Characteristics
VOL
RL = 10kΩ to VS/2; Low
0.1
0.01
V
Output Voltage Swing (Note 1)
VOH
RL = 10kΩ to VS/2; High
2.69
2.6
V
Note: 1. Guaranteed by testing or statistical analysis at +25°C.
2. +IN and -IN are gates to CMOS transistors with typical input bias current of <1nA. CMOS leakage is too
small to practically measure.
3. Min/Max ratings are based on product characterization and simulation. Individual parameters are tested as
noted. Outgoing quality levels are determined from tested parameters.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com