Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLV321 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LLV321
Description  GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LLV321 Datasheet(HTML) 4 Page - Unisonic Technologies

  LLV321 Datasheet HTML 1Page - Unisonic Technologies LLV321 Datasheet HTML 2Page - Unisonic Technologies LLV321 Datasheet HTML 3Page - Unisonic Technologies LLV321 Datasheet HTML 4Page - Unisonic Technologies LLV321 Datasheet HTML 5Page - Unisonic Technologies LLV321 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LLV321
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-041.A
ELECTRICAL CHARACTERISTICS (Cont.)
(TC= 25°C, VS = +5V, G = 2, RL = 10kΩ to VS/2, RF = 10kΩ, VO(DC) = VCC/2; unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC Performance
Gain Bandwidth Product
GBWP
CL = 50pF, RL =2kΩ to VS/2
1.4
MHz
Phase Margin
Φm
73
deg
Gain Margin
Gm
12
dB
Slew Rate
SR
1.5
V/µs
Input Voltage Noise
en
>50kHz
33
nV/√Hz
DC Performance
Input Offset Voltage (Note 1)
VOS
1
7
mV
Average Drift
TCVOS
6
µV/°C
Input Bias Current (Note 2)
IB
<1
nA
Input Offset Current (Note 2)
IOS
<1
nA
Power Supply Rejection Ratio (Note 1)
PSRR
DC
50
65
dB
Open Loop Gain (Note 1)
Av
50
70
dB
Supply Current
IS
100
150
µA
Input Characteristics
VCML
Low
0
-0.4
V
Input Common Mode Voltage Range
(Note 1)
VCMH
High
3.8
3.6
V
Common Mode Rejection Ratio (Note 1)
CMRR
50
75
dB
Output Characteristics
VO
RL = 2kΩ to VS/2; Low/High
0.036~4.95
V
VOL
RL = 10kΩ to VS/2; Low
(Note 1)
0.1
0.013
V
Output Voltage Swing
VOH
RL = 10kΩ to VS/2; High
(Note 1)
4.98
4.9
V
Io
Sourcing; VO=0V
5
+34
mA
Short Circuit Output Current (Note 1)
Io
Sinking; VO=5V
10
-23
mA
Note: 1. Guaranteed by testing or statistical analysis at +25°C.
2. +IN and -IN are gates to CMOS transistors with typical input bias current of <1nA. CMOS leakage is too
small to practically measure.
3. Min/max ratings are based on product characterization and simulation. Individual parameters are tested as
noted. Outgoing quality levels are determined from tested parameters.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com