Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLV321 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LLV321
Description  GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LLV321 Datasheet(HTML) 1 Page - Unisonic Technologies

  LLV321 Datasheet HTML 1Page - Unisonic Technologies LLV321 Datasheet HTML 2Page - Unisonic Technologies LLV321 Datasheet HTML 3Page - Unisonic Technologies LLV321 Datasheet HTML 4Page - Unisonic Technologies LLV321 Datasheet HTML 5Page - Unisonic Technologies LLV321 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LLV321
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R105-041.A
GENERAL PURPOSE, LOW
VOLTAGE,RAIL-TO-RAIL
OUTPUT AMPLIFIERS
DESCRIPTION
The LLV321 is a single, low cost and voltage feedback amplifier, that
consumes only 80μA supply current, 1.2MHz of bandwidth and 1.5V/μs
of slew rate at a low supply voltage of 2.7V. It is supplied from 2.7V
(±1.35V) to 5.5V (±2.75V). The common mode voltage range extends
below the negative rail and the output provides rail-to-rail performance.
The LLV321 is fabricated on a CMOS process. The combination of
low power, rail-to-rail performance, low voltage operation, and tiny
package options makes the device well suited for use in personal
electronics equipment such as cellular handsets, pagers, PDAs, and
other battery powered applications.
The LLV321 is also applied in portable test instruments, telephone
systems, low cost general purpose applications, cellular phones, MP3
players, personal data assistants, A/D buffer, DSP interface, audio
applications, smart card readers, keyless entry, Infrared receivers for
remote controls, digital still cameras and hard disk drives.
FEATURES (at 2.7V)
* Input Voltage Varies From -0.25V to +1.5V
* Supply Current: 80µA
* Output Voltage Varies from 0.01V to 2.69V
* Gain Bandwidth: 1.2MHz
* Slew Rate: 1.5V/µs
* Fully Specified at +2.7V and +5V Supplies
* Operating Temperature Range: -40°C ~ +125°C
* Halogen Free
ORDERING INFORMATION
Ordering Number
Package
Packing
LLV321G-AL5-R
SOT-353
Tape Reel
LLV321G-AL5-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AL5: SOT-353
(3) G: Halogen Free
(3)Halogen Free
MARKING


Similar Part No. - LLV321

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLV0603-FH TOKO-LLV0603-FH Datasheet
111Kb / 2P
MULTILAYER CERAMIC CHIP INDUCTOR
LLV0603-FH10NJ TOKO-LLV0603-FH10NJ Datasheet
111Kb / 2P
MULTILAYER CERAMIC CHIP INDUCTOR
LLV0603-FH10NS TOKO-LLV0603-FH10NS Datasheet
111Kb / 2P
MULTILAYER CERAMIC CHIP INDUCTOR
LLV0603-FH12NJ TOKO-LLV0603-FH12NJ Datasheet
111Kb / 2P
MULTILAYER CERAMIC CHIP INDUCTOR
LLV0603-FH12NS TOKO-LLV0603-FH12NS Datasheet
111Kb / 2P
MULTILAYER CERAMIC CHIP INDUCTOR
More results

Similar Description - LLV321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV358 UTC-LV358 Datasheet
412Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321_12 Datasheet
1Mb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LV324 UTC-LV324 Datasheet
184Kb / 6P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com