Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLV321 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LLV321
Description  GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LLV321 Datasheet(HTML) 5 Page - Unisonic Technologies

  LLV321 Datasheet HTML 1Page - Unisonic Technologies LLV321 Datasheet HTML 2Page - Unisonic Technologies LLV321 Datasheet HTML 3Page - Unisonic Technologies LLV321 Datasheet HTML 4Page - Unisonic Technologies LLV321 Datasheet HTML 5Page - Unisonic Technologies LLV321 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LLV321
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R105-041.A
APPLICATION INFORMATION
General Description
The UTC LLV321 is a low cost, single supply, low voltage and voltage feedback amplifier which is characterized
a rail- to- rail output. It is designed to operate on a CMOS process, and is unity gain stable. Figure 1 shows the
typical non-inverting circuit schematic
+
-
UTC
LLV321
0.01µF
+
6.8µF
+VS
OUT
+IN
Rg
Rf
Figure 1. Typical Non-Inverting Configuration
Power Dissipation
For the UTC LLV321, the maximum internal power dissipation is directly depending on the maximum junction
temperature. If the maximum junction temperature is higher than 150°C, some performances are declined. If the
maximum junction temperature becomes higher than 175°C for an extended time, device failure may be cause.
Driving Capacitive Loads
In figure 2, a small series resistance (RS) at the output of the amplifier, will improve stability and settling
performance. Driving a capacitive load introduces phase-lag into the output signal, which reduces phase margin in
the amplifier. The unity gain follower is the most sensitive configuration. In a unity gain follower configuration, the
UTC LLV321 requires a 450Ω series resistor to drive a 200pF load. The response is as seen in TYPICAL
CHARACTERISTIC.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com