Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726ATR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6726ATR
Description  Single phase PWM controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726ATR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6726ATR Datasheet HTML 10Page - STMicroelectronics L6726ATR Datasheet HTML 11Page - STMicroelectronics L6726ATR Datasheet HTML 12Page - STMicroelectronics L6726ATR Datasheet HTML 13Page - STMicroelectronics L6726ATR Datasheet HTML 14Page - STMicroelectronics L6726ATR Datasheet HTML 15Page - STMicroelectronics L6726ATR Datasheet HTML 16Page - STMicroelectronics L6726ATR Datasheet HTML 17Page - STMicroelectronics L6726ATR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Protections
L6726A
14/35
Doc ID 12754 Rev 4
Figure 6.
OC threshold setting procedure timings (top) and waveforms (bottom)
7.3
Undervoltage lock out
In order to avoid anomalous behaviors of the device when the supply voltage is too low to
support its internal rails, UVLO is provided: the device will start up when VCC reaches
UVLO upper threshold and will shutdown when VCC drops below UVLO lower threshold.
The 4.1 V maximum UVLO upper threshold allows L6726A to be supplied from 5 V and 12 V
busses in or-ing diode configuration.
Figure 7.
OCP trip, default threshold, LS: STD38NH02L (left) UVLO turn off (right)
VCC
Enable Th
COMP
700mV
LGATE
PWM ramp
bottom edge
UVLO Th
R
OCSET not connected
Setting Procedure
VCC
Enable Th
COMP
700mV
LGATE
PWM ramp
bottom edge
UVLO Th
5.5ms - 6.5ms
R
OCSET connected
Setting Procedure
t
DELAY
t
DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com