Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726ATR Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6726ATR
Description  Single phase PWM controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726ATR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6726ATR Datasheet HTML 23Page - STMicroelectronics L6726ATR Datasheet HTML 24Page - STMicroelectronics L6726ATR Datasheet HTML 25Page - STMicroelectronics L6726ATR Datasheet HTML 26Page - STMicroelectronics L6726ATR Datasheet HTML 27Page - STMicroelectronics L6726ATR Datasheet HTML 28Page - STMicroelectronics L6726ATR Datasheet HTML 29Page - STMicroelectronics L6726ATR Datasheet HTML 30Page - STMicroelectronics L6726ATR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
L6726A
20 A demonstration board
Doc ID 12754 Rev 4
27/35
10.1
Board description
10.1.1
Power input (VIN)
This is the input voltage for the power conversion. The high-side MOSFET drain is
connected to this input. Supply must be compliant with VIN recommended operating
conditions and capacitors rating.
If VIN voltage is compliant also to VCC range listed in recommended operating conditions, it
can supply also the device through R16 resistor.
10.1.2
Power output (VOUT)
This is the output voltage of the power conversion. The output voltage is programmed to
1.25 V. It can be changed by replacing R13 (adjusting of compensation network may be
needed). R18 allows to adjust OCP threshold.
10.1.3
IC additional supply (VCC)
The controller can be supplied separately from the power conversion through VCC input. In
this case, to separate VCC from VIN, R16 resistor must be removed.
10.1.4
Test points
The following test points are provided to allow easy probing of important signals:
COMP: Output of the error amplifier;
FB: Inverting input of the error amplifier;
PH: Phase pin of the device;
LG: Low-side gate pin of the device;
UG: High-side gate pin of the device.
10.1.5
Demonstration board efficiency
Figure 17.
20 A demonstration board efficiency
50
55
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
18
20
22
Output Current [A]
Vin=12V, Vout=1.25V
Vin=5V, Vout=1.25V
Vin=12V, Vout=2.5V
Vin=5V, Vout=2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com