Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726ATR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6726ATR
Description  Single phase PWM controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726ATR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6726ATR Datasheet HTML 17Page - STMicroelectronics L6726ATR Datasheet HTML 18Page - STMicroelectronics L6726ATR Datasheet HTML 19Page - STMicroelectronics L6726ATR Datasheet HTML 20Page - STMicroelectronics L6726ATR Datasheet HTML 21Page - STMicroelectronics L6726ATR Datasheet HTML 22Page - STMicroelectronics L6726ATR Datasheet HTML 23Page - STMicroelectronics L6726ATR Datasheet HTML 24Page - STMicroelectronics L6726ATR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
L6726A
Application Information
Doc ID 12754 Rev 4
21/35
9
Application Information
9.1
Output inductor
Inductor value is defined by a compromise between dynamic response, ripple, efficiency,
cost and size. Usually, inductance is calculated to maintain inductor ripple current (
ΔI
L)
between 20% and 30% of maximum output current. Given the switching frequency (FSW),
the input voltage (VIN), the output voltage (VOUT) and the desired ripple current (ΔIL),
inductance can be calculated as follows:
Figure 12 shows the ripple current vs. the output voltage for different inductance, with
VIN = 5 V and VIN = 12 V.
Increasing inductance reduces inductor ripple current (and output voltage ripple
accordingly) but, at the same time, increases the converter response time to load transients.
Higher inductance means that the inductor needs more time to change its current from initial
to final value. Until the inductor has not finished its charging, the additional output current is
supplied by output capacitors. Minimizing the response time lead to minimize the output
capacitance required. If the compensation network is designed with high bandwidth, during
an heavy load transient the device is able to saturate duty cycle (0% or 80%). When this
condition is reached, the response time is limited only by the time required to charge the
inductor.
Figure 12.
Inductor current ripple vs output voltage
L
V
IN
V
OUT
F
SW
ΔI
L
------------------------------
V
OUT
V
IN
--------------
=
0
2
4
6
8
10
12
0
1234
5
In
d
u
c
to
r
cu
rr
e
n
t
ri
p
p
le
[A
]
Ou tp u t vo ltag e [V ]
Vin=12V, L=1 uH
Vin=12V, L=2 uH
Vin=5V, L=50 0nH
Vin=5V, L=1.5uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com