Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6726ATR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6726ATR
Description  Single phase PWM controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6726ATR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6726ATR Datasheet HTML 11Page - STMicroelectronics L6726ATR Datasheet HTML 12Page - STMicroelectronics L6726ATR Datasheet HTML 13Page - STMicroelectronics L6726ATR Datasheet HTML 14Page - STMicroelectronics L6726ATR Datasheet HTML 15Page - STMicroelectronics L6726ATR Datasheet HTML 16Page - STMicroelectronics L6726ATR Datasheet HTML 17Page - STMicroelectronics L6726ATR Datasheet HTML 18Page - STMicroelectronics L6726ATR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
L6726A
Application details
Doc ID 12754 Rev 4
15/35
8
Application details
8.1
Output voltage selection
L6726A is capable to precisely regulate an output voltage as low as 0.8 V. In fact, the device
comes with a fixed 0.8 V internal reference that guarantees the output regulated voltage to
be within ±1% tolerance over line and temperature variations between 0 °C and 70 °C
(excluding output resistor divider tolerance, when present).
Output voltage higher than 0.8 V can be achieved by adding a resistor ROS between FB pin
and ground. Referring to Figure 1, the steady state DC output voltage will be:
where VREF is 0.8 V.
8.2
Compensation network
The control loop shown in Figure 8 is a voltage mode control loop. The error amplifier is a
transconductance type with fixed gain (3.3 ms typ.). The FB voltage is regulated to the
internal reference, thus the output voltage is fixed accordingly to the output resistor divider
(when present).
Transconductance error amplifier output current generates a voltage across ZF, which is
compared to oscillator saw-tooth waveform to provide PWM signal to the driver section.
PWM signal is then transferred to the switching node with VIN amplitude. This waveform is
filtered by the output filter.
Figure 8.
PWM control loop
The converter transfer function is the small signal transfer function between the voltage at
the output node of the EA (COMP) and VOUT. This function has a double pole (complex
conjugate) at frequency FLC depending on the L-COUT resonance and a zero at FESR
V
OUT
V
REF
1
R
FB
R
OS
-----------
+
⎝⎠
⎛⎞
⋅
=
L
R
C
OUT
ESR
R
FB
OSC
V
IN
ΔV
OSC
+
+
_
_
V
OUT
V
REF
ZF
OUTPUT
DIVIDER
PWM
COMPARATOR
OTA
R
F
C
F
C
P
ROS
FB
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com