Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1146 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1146
Description  VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1146 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1146 Datasheet HTML 2Page - Semtech Corporation SC1146 Datasheet HTML 3Page - Semtech Corporation SC1146 Datasheet HTML 4Page - Semtech Corporation SC1146 Datasheet HTML 5Page - Semtech Corporation SC1146 Datasheet HTML 6Page - Semtech Corporation SC1146 Datasheet HTML 7Page - Semtech Corporation SC1146 Datasheet HTML 8Page - Semtech Corporation SC1146 Datasheet HTML 9Page - Semtech Corporation SC1146 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
VRM9.0 PROGRAMMABLE, MULTI-PHASE,
HIGH PERFORMANCE PWM CONTROLLER
SC1146
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
July 25, 2000
7
The SC1146 is patent pending
BILL OF MATERIAL
Item Qty
Reference
Value
Manufacturer
1
9
C2,C4,C11,C19,C20,C28,C29,C37,C39
1u,10V
X7R, AVX (818)883-7606
2
1
C3
10uF, 6.3V
Al. Elec.,Murata
3
9
C5,C12,C14,C17,C18,C21,C22,C26,C27
22u, 10V
Murata (512)250-5082
PN #GRM235Y5V226Z010
4
5
C6,C7,C15,C24,C32
1uF, 16V
Murata,Al. Elec.
5
1
C8
330uF, 16V
Nichicon
6
3
C16,C25,C33
10u, 16V
Murata
7
1
C40
.01u
Murata
8
1
C42
.022
any
9
2
C45,C49
.01
Murata,X7R
10
1
C46
.001
Murata
11
4
C50,C51,C52,C53
1nF
any
12
1
C54
1000uF
Murata,Al. Elec.
13
8
D1,D2,D3,D4,
D5,D7,D9,D11
SS12(1A)
SS32 (3A)
General Instruments
General Instruments
14
1
J1
INPUT
15
4
L1,L2,L3,L4
.6uh,12A
Falco (305)662-7276
PN #T02508
16
4
Q1,Q4,Q7,Q10
IR7811
Int. Rectifier
17
4
Q3,Q6,Q9,Q12
IR3101D2
(Alter.)FDB7030BL
Int. Rectifier
Fairchild Semiconductors
18
1
R1
10
Dale,any
19
9
R2,R10,C13,R14,R17,C23,R33,C34,C43
0
any
20
4
R4,R12,R16,R23
1.5 (or zero)
any
21
4
R5,R6,R7,R38
10K
any
22
4
R8,R9,R11,R13
22
any
23
1
R18
SEL
any
23
1
R19
100
any
24
1
R20
2.2k
any
25
1
R22
15k
any
26
1
R24
300k
any
27
5
R25,R40,R41,R42,R43
2.2
any
28
1
R26
open
any
29
4
R27,R28,R29,R30
51, 1/4W, 1206, 10K Dale
30
6
R31,R32,R34,R35,R36,R37
TBD(used at light load,
contact factory)
any
31
1
S1
Vout/Clk switch C&K
(800)cal-swch
32
4
U1,U3,U4,U5
SC1405B/SC1405TS Semtech (805)498-2111
33
1
U2
SC1146CSW
Semtech (805)498-2111
34
1
U6
LM358
any
Unless otherwise noted, all resistors are 1/10W, 5%, 0805 and all capacitors are 20%, 50v, 0805.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com