Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1146 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1146
Description  VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1146 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1146 Datasheet HTML 1Page - Semtech Corporation SC1146 Datasheet HTML 2Page - Semtech Corporation SC1146 Datasheet HTML 3Page - Semtech Corporation SC1146 Datasheet HTML 4Page - Semtech Corporation SC1146 Datasheet HTML 5Page - Semtech Corporation SC1146 Datasheet HTML 6Page - Semtech Corporation SC1146 Datasheet HTML 7Page - Semtech Corporation SC1146 Datasheet HTML 8Page - Semtech Corporation SC1146 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VRM9.0 PROGRAMMABLE, MULTI-PHASE,
HIGH PERFORMANCE PWM CONTROLLER
SC1146
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
July 25, 2000
3
The SC1146 is patent pending
O
OUT
I
V
∆
∆
IN
OUT
V
V
∆
∆
ELECTRICAL CHARACTERISTICS (Cont.)
Unless otherwise noted: T
A = 25°C, VCC5V = 5V, VCC2 = 5V, 4-Phase operation.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Bgout Voltage
V
Bgout
Vid = 00000
TBD
1.30
TBD
V
Bgout Impedance
R
O_Bg
3
K
Ω
External Clock Freq. Range
F
ext_CK
.80
8.0
8.5
MHz
Oscillator Frequency
F
OSC
Iref = 250µA
7.6
8.0
8.4
MHz
Internal Clock Freq. Range
F
int_CK
.80
8.0
8.5
MHz
Match DRV0-3
∆=
D
Duty cycle (Avg) = 50%
-1
+1
%
PWM Off Time
Toff
25
%
Overcurrent Comparator,
Comparator, Common Mode
Range
OCC_CMR
3
15
V
OC+I/P bias Current
IB_OC+
Vin = 5V
+75
+250
µ
Α
OC-I/P bias Current
IB_OC-
Vin = 5V
+75
+250
µ
Α
Input Offset Voltage
VOS_OCC
Vin = 5V
10
mV
Feedback Input Impedance
Ri_FB
V
O = 2.00V
12
ΚΩ
Duty Cycle Range
D
0
75
%
CONVERTER SPECIFICATIONS, Reference Application Circuit
Output Accuracy Over Set
Range
V
OUT
VID 0-4 = 0000-1111
V
CC5V = 5.0V
-1
+1
%
Load Regulation
V
O = 2.000V
I
O = 3A - 20A
.025
.05
%/A
Line Regulation
V
CC5V = 5V, VO = 2.000V
V
IN = 4-6V, (VIN separated from
Vcc5v) I
O = 5A , Clk = external
.15
%/V
POWER GOOD SIGNAL
Off Leakage Current
I
leakage_Off
PWRGOOD = Logic High
2
µA
Power Good Max Sink Current
I
Sink_Max
PWRGOOD< = .8V
2
mA
Power Good Threshold
P
wrgood_T_lo
Vout = 1.300V - 1.950V
+100
mV
Voltage Tolerance
P
wrgood_T_Hi
Vout = 2.000V - 3.500V
+150
mV
Note:
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com