Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1146 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1146
Description  VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1146 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1146 Datasheet HTML 1Page - Semtech Corporation SC1146 Datasheet HTML 2Page - Semtech Corporation SC1146 Datasheet HTML 3Page - Semtech Corporation SC1146 Datasheet HTML 4Page - Semtech Corporation SC1146 Datasheet HTML 5Page - Semtech Corporation SC1146 Datasheet HTML 6Page - Semtech Corporation SC1146 Datasheet HTML 7Page - Semtech Corporation SC1146 Datasheet HTML 8Page - Semtech Corporation SC1146 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VRM9.0 PROGRAMMABLE, MULTI-PHASE,
HIGH PERFORMANCE PWM CONTROLLER
SC1146
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
July 25, 2000
1
The SC1146 is patent pending
Pentium is a registered trademark of Intel Corporation
BLOCK DIAGRAM
FEATURES
•= Allows use of small surface mount components
•= Ultra fast transient recovery time
•= Dramatic reduction of input ripple current and out-
put ripple voltage
•= 5-bit programmable DAC for the latest, lower
output voltage Microprocessors
•= Wide, High frequency operating range
•= Selectable 2, 3, 4 phase operation
•= +5 Volt only operation eliminates the need for
+12V supply
•= Precision load current sharing,1%PWM match
•= Selectable internal or external clock
•= Soft start/UVLO/Over current protection
APPLICATIONS
•= High end servers and workstations
•= High current/Ultra-fast transient microprocessors
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DEVICE
(1)
PACKAGE
TEMP. (T
J)
SC1146CSW.TR
SO-24
0 - 85°C
ORDERING INFORMATION
Note:
(1) Only available in tape and reel packaging. A reel
contains 1000 devices.
DESCRIPTION
The SC1146 is the latest, high performance, multi-
phase (PWM) controller designed for high power mi-
croprocessors requiring ultra fast transient response.
The SC1146 is programmable for the voltage range
required by the latest Microprocessors . Utilizing a
novel and unique design, the controller distributes the
output load across (up to) four converter channels by
digitally phase shifting the PWM outputs. This ap-
proach greatly reduces the stress and heat on the out-
put stage components while lowering input ripple cur-
rent by as much as 80%. Accurate current sharing
among the four phases is achieved by precision design
techniques and trimming of critical elements.
The high speed transconductance error amplifier is ex-
ternally initialized using a soft-start capacitor allowing
the controller to “wake-up” without overshoot, thus pro-
tecting the low voltage microprocessor loads. The out-
put drive voltage to the power MOSFETs is pro-
grammable to minimize switching losses in the drive
circuitry.
The output voltage is digitally programmable by means
of a 5 bit DAC (new codes). A single resistor programs
the master clock frequency (8MHz max) or the clock
can be supplied by an external source where exact fre-
quency control is desired. The number of operating
phases is programmed independently of the external
clock. The parts features under-voltage lock-out with
hysteresis and over-current protection.
PIN CONFIGURATION
Top View
(24-Pin SOIC)


Similar Part No. - SC1146

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1144 SEMTECH-SC1144 Datasheet
156Kb / 11P
PROGRAMMABLE, HIGH PERFORMANCE MULTI-PHASE, PWM CONTROLLER
SC1144ABCSW SEMTECH-SC1144ABCSW Datasheet
156Kb / 11P
PROGRAMMABLE, HIGH PERFORMANCE MULTI-PHASE, PWM CONTROLLER
logo
List of Unclassifed Man...
SC11485 ETC1-SC11485 Datasheet
1Mb / 16P
HiCOLOR-16 Color Palette
SC11485CV ETC1-SC11485CV Datasheet
1Mb / 16P
HiCOLOR-16 Color Palette
SC11485CV-110 ETC1-SC11485CV-110 Datasheet
1Mb / 16P
HiCOLOR-16 Color Palette
More results

Similar Description - SC1146

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2639 NSC-LM2639 Datasheet
151Kb / 8P
5-Bit Programmable, High Frequency Multi-phase PWM Controller
logo
Semtech Corporation
SC1144 SEMTECH-SC1144 Datasheet
156Kb / 11P
PROGRAMMABLE, HIGH PERFORMANCE MULTI-PHASE, PWM CONTROLLER
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
Multi-Phase PWM Controller
December 29, 2004
logo
National Semiconductor ...
LM2720 NSC-LM2720 Datasheet
149Kb / 8P
5-Bit Programmable, High Frequency Multi-phase PWM Controller
LM2720 NSC-LM2720_09 Datasheet
348Kb / 10P
5-Bit Programmable, High Frequency Multi-phase PWM Controller
logo
Micrel Semiconductor
MIC2111 MICREL-MIC2111 Datasheet
95Kb / 2P
Single-Phase, Multi-Mode, High-Performance, Step-Down PWM Controller
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
Multi-Phase PWM Controller
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
Multi-Phase PWM Controller
logo
Diodes Incorporated
AP3118 DIODES-AP3118 Datasheet
1Mb / 17P
HIGH-PERFORMANCE MULTI-MODE PWM CONTROLLER
Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com