Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1146 Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC1146
Description  VRM9.0 PROGRAMMABLE, MULTI-PHASE, HIGH PERFORMANCE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1146 Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC1146 Datasheet HTML 2Page - Semtech Corporation SC1146 Datasheet HTML 3Page - Semtech Corporation SC1146 Datasheet HTML 4Page - Semtech Corporation SC1146 Datasheet HTML 5Page - Semtech Corporation SC1146 Datasheet HTML 6Page - Semtech Corporation SC1146 Datasheet HTML 7Page - Semtech Corporation SC1146 Datasheet HTML 8Page - Semtech Corporation SC1146 Datasheet HTML 9Page - Semtech Corporation SC1146 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
VRM9.0 PROGRAMMABLE, MULTI-PHASE,
HIGH PERFORMANCE PWM CONTROLLER
SC1146
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
July 25, 2000
9
The SC1146 is patent pending
The error amplifier has two inverting inputs, one for the
High Range, (VID4 set to logic high) and one input for
the Low Range. The effective gain of the error ampli-
fier stays constant in both ranges keeping the loop gain
constant regardless of output voltage range.
BANDGAP REFERENCE/SOFT START
The precision internal bandgap reference provides a
stable, temperature compensated 2.05 V reference for
the error amplifier’s non-inverting input, the DAC
REF for
the VID digital to analog converter, the under-voltage
lock-out circuitry as well as the reference for the Bias
generator current sources. The error amplifiers non-
inverting input is connected to the bandgap reference
through a 3Kohm resistor, which is also externally con-
nected to a soft-start capacitor via the BG
OUT pin. Upon
application of power, the non-inverting input of the er-
ror amplifier is held low for a short time, set by the RC
product of the soft-start capacitor and 3Kohm, allowing
for the decoder and PWM controller to settle. This pre-
vents any harmful output voltage overshoots upon start
up or after a converter shut-down (as a result of over-
current or the enable pin pulled low). The non-inverting
input then ramps up according to the RC time constant
allowing gradual rise of output voltage.
OVER-CURRENT COMPARATOR
The SC1146 has an internal over-current comparator
designed to sense current in the input supply path.
The comparator inputs have a high common voltage
range thus allowing operation under all possible volt-
age/current combinations. The output of the compara-
tor pulls the BG
OUT (soft start) pin low thus disabling the
error amplifier and causing the PWM outputs to enter
minimum duty cycle mode, regulating the output at a
minimum voltage. A current sense trace may be used
as the current sense resistor. This will utilize the trace
as input filter inductor, thus preventing conducted
emissions to input supply. For details of programming
the overcurrent comparator, refer to SC1144-EVB user
manual.
SC1146 Special features:
The SC1146 is a special version of the original
SC1144, 4-phase PWM controller, with the latest
VRM9.0 VID codes which allow programming lower
output voltages required by the latest Microprocessors.
Also a +12V supply is no longer required. The V
CC2 and
PWRGOOD pins can be connected to Vcc5v. This
eases the connection to “5V-only” MOSFET drivers,
such as the SC1405. The DRVs will swing to Vcc5v,
eliminating the need for +12V to +5V level shifting.
There is no Under-Voltage Lockout on V
CC2.
ERROR AMPLIFIER CONT.
Fig. 3: Transient response, Top trace, Current sense
8A/div @ 30A/usec. Bottom trace, V
OUT.
Fig. 4: Transient response, Top trace, Gate Drive
Bottom trace, Transient current 16A/div @ 30A/usec.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com