Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1409 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1409
Description  1 A Synchronous Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1409 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1409 Datasheet HTML 1Page - Semtech Corporation SC1409 Datasheet HTML 2Page - Semtech Corporation SC1409 Datasheet HTML 3Page - Semtech Corporation SC1409 Datasheet HTML 4Page - Semtech Corporation SC1409 Datasheet HTML 5Page - Semtech Corporation SC1409 Datasheet HTML 6Page - Semtech Corporation SC1409 Datasheet HTML 7Page - Semtech Corporation SC1409 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SC1409
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
1 A Synchronous Switching Regulator
June 28, 2000
2
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Supply Voltage
V
CC
-0.3 to +7
V
Ground Differential
P
GND to GND
± 1
V
Input Voltage
V
IN
-0.3 to +7
V
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Operating Junction Temperature Range
T
J
-40 to +125
°C
Storage Temperature
T
STG
-60 to +150
°C
Lead Temperature (Soldering) 10 seconds
T
L
300
°C
Thermal Resistance, Junction to Ambient
θ=
JA
165
°C/W
Thermal Resistance, Junction to Case
θ=
JC
40
°C/W
ESD Rating (Human Body Model)
ESD
2
kV
ELECTRICAL CHARACTERISTICS
Unless specified; T
A = 25°C, VIN = 5V, VO = 1.8V. Output current = 1A. Per typical application circuit.
Values in bold apply over full operating temperature range.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Reference
V
REF
1.191
1.203
1.215
V
1.179
1.227
Feedback Bias Current
I
FB
10.0
50.0
nA
Quiescent Current
I
Q
Current into V
CC pin
2.0
4.0
mA
Io=0mA
15
Shutdown Quiescent Current
I
Q
Enable = 0V
5.0
uA
10
Regulation Load
REG
LOAD
I
O = 100mA to 1A
0.5
1.0
%
Regulation Line
REG
LINE
0.5
%
Oscillator Frequency
OSC
FSET=Vin
FSET=GND
425
255
500
300
575
345
kHz
kHz
Max Duty Cycle
δ
max
90
95
%
Output Current Limit
I
O
1.5
A
Soft start charging current
32
uA
EN/SS Shutdown Threshold
1.0
V
UVLO Trip point
Vin Increasing
Vin decreasing
4.5
4.1
V
V
RDS(ON)
R
DS(ON)
Top side PFET
250
375
m
Ω
525
Bottom side NFET
175
250
m
Ω
350



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com