Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1409 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1409
Description  1 A Synchronous Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1409 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1409 Datasheet HTML 1Page - Semtech Corporation SC1409 Datasheet HTML 2Page - Semtech Corporation SC1409 Datasheet HTML 3Page - Semtech Corporation SC1409 Datasheet HTML 4Page - Semtech Corporation SC1409 Datasheet HTML 5Page - Semtech Corporation SC1409 Datasheet HTML 6Page - Semtech Corporation SC1409 Datasheet HTML 7Page - Semtech Corporation SC1409 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SC1409
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
1 A Synchronous Switching Regulator
June 28, 2000
1
DESCRIPTION
The SC1409 is a versatile, voltage-mode switching
regulator designed for use in battery operated power
supply applications. A simple, fixed-voltage buck regu-
lator can be implemented using the SC1409 with a
minimum of external components. Internal MOSFETs
and control circuitry minimize board space and design
time.
The small device footprint allows for compact
circuit design.
SC1409 features include a temperature compensated
voltage reference, triangle wave oscillator,
hiccup
mode current limit, an internally compensated error
amplifier, overcurrent temperature protection,
soft
start, and under voltage lock out.
The SC1409 operates at a selectable, fixed frequency
of 300kHz or 500kHz, or can be synchronized to an
external clock within this range, providing an optimum
compromise between efficiency, external component
size, and cost.
FEATURES
•= Internal MOSFETs
•= Excellent efficiency >88%
•= 1% Voltage accuracy
•= Built-in over current protection
•= 1A Output current
•= 5µA Standby current
•= Industrial temperature range
•= 300kHz/500kHz selectable frequency
APPLICATIONS
•= Handheld equipment
•= PDA power supplies
•= Notebook I/O power supplies
•= Peripheral card supplies
•= High density DC/DC conversion
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
ORDERING INFORMATION
DEVICE
(1)
PACKAGE
SC1409ISTR
SO-8
Note:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
+
C1
47uF/16V
L1
100uH
+
C2
47uF/16V
C3
0.033uF
Vout
U1
SC1409IS
8
1
2
3
4
5
6
7
ISET
SYNC/FSET
EN/SS
AGND
FB
PGND
PHASE
VIN
R4
C6
0.1uF
Vout
R3
R4
3.45V 1.87k 1.00k
3.30V 1.74k 1.00k
3.10V 1.58k 1.00k
2.90V 1.40k 1.00k
2.80V 1.33k 1.00k
2.50V 1.07k 1.00k
1.50V
249 1.00k
Vin=5V
R1
OPEN
R2
APPLICATION CIRCUIT


Similar Part No. - SC1409

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
SC140 NJSEMI-SC140 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1401 SEMTECH-SC1401 Datasheet
202Kb / 17P
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
SC1401ISS SEMTECH-SC1401ISS Datasheet
202Kb / 17P
HIGH PERFORMANCE SYNCHRONOUS BUCK CONTROLLER WITH LDO FOR PORTABLE POWER
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
SC1402ISS SEMTECH-SC1402ISS Datasheet
270Kb / 18P
Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
More results

Similar Description - SC1409

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
NCP1597B ONSEMI-NCP1597B Datasheet
168Kb / 9P
1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1595 ONSEMI-NCP1595_12 Datasheet
348Kb / 13P
1 MHz, 1.5 A Synchronous Buck Regulator
March, 2012 ??Rev. 9
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
logo
Texas Instruments
LM2651 TI1-LM2651_16 Datasheet
887Kb / 23P
1.5 A High-Efficiency Synchronous Switching Regulator
logo
ON Semiconductor
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com