Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1409 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1409
Description  1 A Synchronous Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1409 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1409 Datasheet HTML 1Page - Semtech Corporation SC1409 Datasheet HTML 2Page - Semtech Corporation SC1409 Datasheet HTML 3Page - Semtech Corporation SC1409 Datasheet HTML 4Page - Semtech Corporation SC1409 Datasheet HTML 5Page - Semtech Corporation SC1409 Datasheet HTML 6Page - Semtech Corporation SC1409 Datasheet HTML 7Page - Semtech Corporation SC1409 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SC1409
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
1 A Synchronous Switching Regulator
June 28, 2000
3
OC_DET
PHASE
ISET
VIN
60nS DELAY
EN/SS
PGND
R
S
Q
R
S
Q
R
S
Q
R
S
Q
+
-
+
-
+
-
FB
OSCILLATOR
UV LOCKOUT
+
-
+
-
SYNC/FSET
AGND
1:800
SHOOT THRU
CONTROL
4.5V
1.5V
I
2I
THERMAL
SHUTDOWN
VREF
SOFT
START
ERROR
AMP
BLOCK DIAGRAM
PIN CONFIGURATION
SYNC/FSET
1
EN/SS
AGND
FB
ISET
PHASE
PGND
VIN
2
3
4
8
7
6
5
Top View
(8 LEAD SOIC)
PIN DESCRIPTION
Pin #
Pin Name
Pin Function
1
SYNC/FSET
Sets frequency, allows synchronization.
FSET = V
IN, f = 500kHz
FSET = GND, f = 300kHz
2
EN/SS
Enable and Soft Start pin.
3
AGND
Analog ground.
4
FB
Output voltage feedback.
5
PGND
Device power ground.
6
PHASE
Power output to the inductor.
7
VIN
Input voltage.
8
ISET
Current limit programming input.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com