Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1409 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1409
Description  1 A Synchronous Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1409 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1409 Datasheet HTML 1Page - Semtech Corporation SC1409 Datasheet HTML 2Page - Semtech Corporation SC1409 Datasheet HTML 3Page - Semtech Corporation SC1409 Datasheet HTML 4Page - Semtech Corporation SC1409 Datasheet HTML 5Page - Semtech Corporation SC1409 Datasheet HTML 6Page - Semtech Corporation SC1409 Datasheet HTML 7Page - Semtech Corporation SC1409 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SC1409
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
1 A Synchronous Switching Regulator
June 28, 2000
4
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
EN/SS Voltage (V)
Soft Start control of Vout
25 mOhm
60%
70%
80%
90%
0.00.2
0.40.6
0.81.0
Io(A)
3.3V; f=300kHz
3.3V; f=500kHz
2.5V; f=300kHz
2.5V; f=500kHz
-0.6%
-0.4%
-0.2%
0.0%
0.2%
0.4%
4.4
4.6
4.8
5.0
5.2
5.4
5.6
Vin (V)
Vo=3.3V
Io=0.2A
Ta=25
oC
Ripple; Vo=3.3V; Io=1A; f=300kHz
Error Amplifier, Gain and Phase
-10
0
10
20
30
40
50
100E+0
10E+3
1E+6
100E+6
Frequency (Hz)
-90
-45
0
45
90
135
180
Phase
Gain
Load Regulation Characteristic
-0.6%
-0.4%
-0.2%
0.0%
0.0
0.2
0.4
0.6
0.8
1.0
Io (A)
Efficiency
Typical Line Regulation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com