Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1464 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1464
Description  60mA PROGRAMMABLE FIXED FREQUENCY CHARGE PUMP DOUBLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1464 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1464 Datasheet HTML 2Page - Semtech Corporation SC1464 Datasheet HTML 3Page - Semtech Corporation SC1464 Datasheet HTML 4Page - Semtech Corporation SC1464 Datasheet HTML 5Page - Semtech Corporation SC1464 Datasheet HTML 6Page - Semtech Corporation SC1464 Datasheet HTML 7Page - Semtech Corporation SC1464 Datasheet HTML 8Page - Semtech Corporation SC1464 Datasheet HTML 9Page - Semtech Corporation SC1464 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
60mA PROGRAMMABLE FIXED
FREQUENCY CHARGE PUMP DOUBLER
SC1464
PRELIMINARY - August 11, 2000
7
Iin vs Ta (260kHz) @ Io = 0mA
900.0E-6
1.1E-3
1.3E-3
1.5E-3
1.7E-3
1.9E-3
2.1E-3
2.3E-3
-40
-20
0
20406080
100
Ta (Deg. C.)
Vin = 3.5
Vin = 3
Vin = 2.5
Iin vs Ta (1MHz) @ Io = 0mA
4.0E-3
4.5E-3
5.0E-3
5.5E-3
6.0E-3
6.5E-3
7.0E-3
7.5E-3
-40
-20
0
20
40
60
80
100
Ta (Deg. C.)
Vin = 3.5
Vin = 3
Vin = 2.5
Iin vs Ta (32kHz) @ Io = 0mA
180.0E-6
200.0E-6
220.0E-6
240.0E-6
260.0E-6
280.0E-6
300.0E-6
320.0E-6
-40
-20
0
2040
6080
100
Ta (Deg. C.)
Vin = 3.5
Vin = 3
Vin = 2.5
Iin vs Ta (8kHz) @ Io = 0mA
25.0E-6
30.0E-6
35.0E-6
40.0E-6
45.0E-6
50.0E-6
55.0E-6
60.0E-6
-40
-20
0
204060
80
100
Ta (Deg. C.)
Vin = 3.5
Vin = 3
Vin = 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com