Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1464 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1464
Description  60mA PROGRAMMABLE FIXED FREQUENCY CHARGE PUMP DOUBLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1464 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1464 Datasheet HTML 1Page - Semtech Corporation SC1464 Datasheet HTML 2Page - Semtech Corporation SC1464 Datasheet HTML 3Page - Semtech Corporation SC1464 Datasheet HTML 4Page - Semtech Corporation SC1464 Datasheet HTML 5Page - Semtech Corporation SC1464 Datasheet HTML 6Page - Semtech Corporation SC1464 Datasheet HTML 7Page - Semtech Corporation SC1464 Datasheet HTML 8Page - Semtech Corporation SC1464 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
60mA PROGRAMMABLE FIXED
FREQUENCY CHARGE PUMP DOUBLER
SC1464
PRELIMINARY - August 11, 2000
1
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1464 is a versatile charge pump designed for
use in battery operated power supply applications. A
simple, low current charge pump doubler can be imple-
mented without costly inductors or capacitors. Internal
MOSFET’s and control circuitry eliminate the need for
costly board space and design time. The small device
footprint allows for compact circuit design.
The SC1464 charge pump can be used for applications
that require up to 60mA of output current with V
IN =
2.85V and V
OUT = 5.2V.
The small 8 lead MSOP-8
package helps minimize board space.
The TF1 and TF2 pins provide binary control of the
oscillator frequency to either 1 MHz, 260kHz, 32kHz or
8kHz. The user can change the frequency during oper-
ation with extremely fast settling time.
FEATURES
= Small size - MSOP-8 package
= Typical efficiency of 90% @ full load
= Designed to work with ceramic or tantalum
capacitors
= Soft start functionality
= Short-Circuit and Over-Temperature protection
= <55µA input current @ no load (TF1=0;TF2=1)
= <330µA input current @ no load (TF1=0;TF2=0)
= Oscillator frequency accurate to ±5%
= Shutdown current < 1µA
= All Specifications rated over the full temperature
range (-40°C to 85 °C)
APPLICATIONS
= Cellular phones
= Handheld devices
= PDA power supplies
= Peripheral card supplies
ORDERING INFORMATION
Part Number
(1)
Package
SC1464CMS.TR
MSOP-8
Note:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
APPLICATION CIRCUIT
CBucket
Logic Input or Vin
TF1
Iout
Freq
60mA
260kHz
U1
SC1464
3
7
5
6
4
1
2
Vo
Vin
C+
C-
EN
TF1
TF2
Vo =5.2 V to 6.2 V
Cout
3.3uF
3.3uF
2.2uF
1.0uF
1.0uF
0.22uF
20mA
260kHz
60mA
1MHz
Vin =3 V +/- 5%
0.22uF
0.22uF
0.10uF
20mA
1MHz
1.0uF
1.0uF
0.22uF
TF2
Cin
Cin
Cout
CBucket


Similar Part No. - SC1464

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
SC146 DIGITRON-SC146 Datasheet
231Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
SC146 NJSEMI-SC146 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1460 SEMTECH-SC1460 Datasheet
71Kb / 6P
5mA CAPLESSTM CHARGE PUMP
SC1460CSK-3.3 SEMTECH-SC1460CSK-3.3 Datasheet
71Kb / 6P
5mA CAPLESSTM CHARGE PUMP
SC1460CSK-5.0 SEMTECH-SC1460CSK-5.0 Datasheet
71Kb / 6P
5mA CAPLESSTM CHARGE PUMP
More results

Similar Description - SC1464

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP782 SIPEX-SP782 Datasheet
224Kb / 16P
Programmable Charge Pump
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
logo
Sipex Corporation
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
High Frequency 200mA Charge Pump Inverter or Doubler
SP782 SIPEX-SP782 Datasheet
224Kb / 16P
Programmable Charge Pump
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
logo
New Japan Radio
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
Doubler Charge Pump IC
logo
Sipex Corporation
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
High Frequency 200mA Charge Pump Inverter or Doubler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com