Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1464 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC1464
Description  60mA PROGRAMMABLE FIXED FREQUENCY CHARGE PUMP DOUBLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1464 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC1464 Datasheet HTML 2Page - Semtech Corporation SC1464 Datasheet HTML 3Page - Semtech Corporation SC1464 Datasheet HTML 4Page - Semtech Corporation SC1464 Datasheet HTML 5Page - Semtech Corporation SC1464 Datasheet HTML 6Page - Semtech Corporation SC1464 Datasheet HTML 7Page - Semtech Corporation SC1464 Datasheet HTML 8Page - Semtech Corporation SC1464 Datasheet HTML 9Page - Semtech Corporation SC1464 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
60mA PROGRAMMABLE FIXED
FREQUENCY CHARGE PUMP DOUBLER
SC1464
PRELIMINARY - August 11, 2000
8
Vo vs Ta (260Khz) @ Vin = 3.00 V
5.5
5.6
5.7
5.8
5.9
6
6.1
6.2
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
Ta (Deg. C.)
0 ma
20 ma
40 ma
60 ma
Vo vs Ta (1Mhz) @ Vin = 3.00 V
5.5
5.6
5.7
5.8
5.9
6
6.1
6.2
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
Ta (Deg. C.)
0 ma
20 ma
40 ma
60 ma
Vo vs Ta (32Khz) @Vin = 3.00 V
5.5
5.6
5.7
5.8
5.9
6
6.1
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
Ta (Deg. C.)
0 ma
1 ma
2 ma
Vo vs Ta (8Khz) @Vin = 3.00 V
5.8
5.85
5.9
5.95
6
6.05
6.1
6.15
6.2
-40.00
-20.00
0.00
20.00
40.00
60.00
80.00
100.00
Ta (Deg. C.)
0 ma
1 ma
2 ma



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com