Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1464 Datasheet (PDF) - Semtech Corporation

SC1464 Datasheet PDF - Semtech Corporation
Part # SC1464
Download  SC1464 Download
File Size   104.8 Kbytes
Page   10 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 60mA PROGRAMMABLE FIXED FREQUENCY CHARGE PUMP DOUBLER

SC1464 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC1464 Datasheet PDF - Semtech Corporation

Part # SC1464
Download  SC1464 Click to download

File Size   104.8 Kbytes
Page   10 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 60mA PROGRAMMABLE FIXED FREQUENCY CHARGE PUMP DOUBLER

SC1464 Datasheet (HTML) - Semtech Corporation


SC1464 Product details

DESCRIPTION
The SC1464 is a versatile charge pump designed for use in battery operated power supply applications. A simple, low current charge pump doubler can be implemented without costly inductors or capacitors. Internal MOSFET’s and control circuitry eliminate the need for costly board space and design time. The small device footprint allows for compact circuit design.

FEATURES
● Small size - MSOP-8 package
● Typical efficiency of 90% @ full load
● Designed to work with ceramic or tantalum capacitors
● Soft start functionality
● Short-Circuit and Over-Temperature protection
● <55µA input current @ no load (TF1=0;TF2=1)
● <330µA input current @ no load (TF1=0;TF2=0)
● Oscillator frequency accurate to ±5%
● Shutdown current < 1µA
● All Specifications rated over the full temperature range (-40°C to 85 °C)

APPLICATIONS
● Cellular phones
● Handheld devices
● PDA power supplies
● Peripheral card supplies




Similar Part No. - SC1464

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
SC146 DIGITRON-SC146 Datasheet
231Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
SC146 NJSEMI-SC146 Datasheet
155Kb / 3P
Bi-Directional Tried* Thy ristor
logo
Semtech Corporation
SC1460 SEMTECH-SC1460 Datasheet
71Kb / 6P
5mA CAPLESSTM CHARGE PUMP
SC1460CSK-3.3 SEMTECH-SC1460CSK-3.3 Datasheet
71Kb / 6P
5mA CAPLESSTM CHARGE PUMP
SC1460CSK-5.0 SEMTECH-SC1460CSK-5.0 Datasheet
71Kb / 6P
5mA CAPLESSTM CHARGE PUMP
More results


Similar Description - SC1464

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP782 SIPEX-SP782 Datasheet
224Kb / 16P
Programmable Charge Pump
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697 Datasheet
222Kb / 12P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 0; 7/99
logo
Sipex Corporation
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
High Frequency 200mA Charge Pump Inverter or Doubler
SP782 SIPEX-SP782 Datasheet
224Kb / 16P
Programmable Charge Pump
logo
Catalyst Semiconductor
CAT661 CATALYST-CAT661 Datasheet
488Kb / 16P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
CAT661 CATALYST-CAT661_07 Datasheet
173Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
logo
ON Semiconductor
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
logo
Maxim Integrated Produc...
MAX1697 MAXIM-MAX1697_08 Datasheet
379Kb / 13P
60mA, SOT23 Inverting Charge Pump with Shutdown
Rev 3; 12/08
logo
New Japan Radio
NJW4190 NJRC-NJW4190_13 Datasheet
72Kb / 7P
Doubler Charge Pump IC
logo
Sipex Corporation
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
High Frequency 200mA Charge Pump Inverter or Doubler
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com