Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1540 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC1540
Description  300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1540 Datasheet(HTML) 2 Page - Semtech Corporation

  SC1540 Datasheet HTML 1Page - Semtech Corporation SC1540 Datasheet HTML 2Page - Semtech Corporation SC1540 Datasheet HTML 3Page - Semtech Corporation SC1540 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SC1540
SC1540A
© 2000 SEMTECH CORP.
300mA AND 500mA LOW DROPOUT
VOLTAGE REGULATORS WITH ENABLE
PRELIMINARY - May 1, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
2
NOTES:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2)
∆V
OUT, ∆ VREF = 1%
(3) Bandwidth of 10 Hz to 10kHz.
(4) 120Hz input ripple.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified: I
O = 0mA to 300mA (500mA for SC1540A), EN = VIN
1.5V Option: VIN = 2.9V to 7.0V
2.5 Option: VIN = 3.9V to 7.0V
3.3V Option: VIN = 4.7V to 7.0V
Values in bold apply over full operating temperature range.
Test Conditions
Test Limits
Parameter
Symbol
Min
Typ
Max
Units
Output Voltage
(1)
VO
VIN = 5V, I
O = 0mA
0.99|VO|
VO
1.01|VO|
V
0.98|VO|
VO
1.02|VO|
Line Regulation
(1)
REG
(LINE)
I
O = 10mA
0.035
0.2
%
Load Regulation
(1)
REG
(LOAD)
VIN = 5V
0.2
0.4
%
Dropout Voltage
(1)(2)
SC1540
SC1540A
V
D
I
O = 300mA
I
O = 500mA
1.10
1.30
V
Current Limit
(1)
SC1540
SC1540A
I
CL
330
550
mA
Quiescent Current
I
Q
VIN = 5V, EN = VIN
5
7
mA
10
VIN = 5V, EN < 0.25V
6
8
µA
10
Enable Pin Control Voltage
EN
Device OFF
0.25
0.45
V
Device ON
(VO+0.5)
(VO+0.8)
Enable Pin Current
I
EN
EN = 0V, VIN = 5V (OFF)
0.1
1.0
µA
EN = VIN = 5V (ON)
15
25
Temperature Coefficient
T
C
0.005
%/°C
Temperature Stability
T
S
0.5
%
RMS Output Noise
(3)
V
N
0.003
%V
O
Ripple Rejection Ratio
(4)
R
A
VIN = 5V
60
72
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com