Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1540 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1540
Description  300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1540 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1540 Datasheet HTML 1Page - Semtech Corporation SC1540 Datasheet HTML 2Page - Semtech Corporation SC1540 Datasheet HTML 3Page - Semtech Corporation SC1540 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SC1540
SC1540A
© 2000 SEMTECH CORP.
300mA AND 500mA LOW DROPOUT
VOLTAGE REGULATORS WITH ENABLE
PRELIMINARY - May 1, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
1
Notes:
(1) 2 inch square of 1/16” FR-4, double sided, 1 oz.
minimum copper weight.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
The SC1540 and SC1540A are high performance low
dropout positive voltage regulators designed for use in
applications where power management is critical, such
as battery powered systems. Additionally, the
SC1540(A) provides excellent regulation over varia-
tions in line, load and temperature. Outstanding fea-
tures include low dropout performance at rated current,
fast transient response, internal current limiting and
thermal shutdown protection of the output device. A
very low quiescent current of 10µA in shutdown mode
reduces power dissipation. With three voltage options
available, the SC1540(A) comes in the popular SO-8
surface mount package.
APPLICATIONS
•= Active SCSI termination
•= Low voltage microcontrollers
•= Switching power supply post-regulator
Parameter
Symbol
Maximum
Units
Maximum Input Pin
Voltage
VIN, EN
7
V
Power Dissipation
P
D
Internally
Limited
W
Thermal Resistance
Junction to Case
SO-8
θ
JC
47
°C/W
Thermal Resistance
Junction to Ambient
SO-8
(1)
θ
JA
65
°C/W
Operating Junction
Temperature Range
T
J
0 to 125
°C
Storage Temperature
Range
T
STG
-65 to 150
°C
Lead Temperature
(Soldering) 10 Sec
T
LEAD
260
°C
ORDERING INFORMATION
Notes:
(1) Where X.X denotes voltage options. Available voltages
are: 1.8V, 2.5V and 3.3V. Contact factory for additional
voltage options.
(2) Only available in tape and reel packaging (suffix ‘.TR’)
e.g. SC1540CS-X.X-.TR.
DEVICE
(1)(2)
OUTPUT CURRENT
PACKAGE
SC1540CS-X.X
300mA
SO-8
SC1540ACS-X.X
500mA
SO-8
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
FEATURES
•= Low dropout performance, 1.3V max
•= Full current rating over line and temperature
•= Fast transient response
•= +2% total output regulation over line, load and
temperature
•= 10µA max. quiescent current in shutdown
•= Three fixed output voltages
•= Line regulation 0.2% max.
•= Load regulation 0.4% max.
•= SO-8 package
BLOCK DIAGRAM
PIN CONFIGURATIONS
SO-8
Top View


Similar Part No. - SC1540

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1541 SEMTECH-SC1541 Datasheet
168Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
SC1541 SEMTECH-SC1541 Datasheet
162Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
SC1541CM-X.X.TR SEMTECH-SC1541CM-X.X.TR Datasheet
168Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
SC1541CM-X.X.TR SEMTECH-SC1541CM-X.X.TR Datasheet
162Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
SC1541CM-X.X.TRT SEMTECH-SC1541CM-X.X.TRT Datasheet
168Kb / 6P
1.0A Low Dropout Voltage Regulator with Enable
More results

Similar Description - SC1540

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2937 SIPEX-SPX2937 Datasheet
133Kb / 4P
500mA Low Dropout Voltage Regulators
logo
List of Unclassifed Man...
PJ5800 ETC-PJ5800 Datasheet
237Kb / 5P
500mA CMOS Low Dropout Voltage Regulators
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
300mA CMOS Low Dropout Voltage Regulator with Enable
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350 Datasheet
161Kb / 5P
300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
Ultra-Low Dropout 500mA Voltage Regulator with Enable
Revision 2.1 January 22, 2007
BQ8211 ACUTECH-BQ8211 Datasheet
624Kb / 9P
Low Dropout 300mA Voltage Regulator with Enable
Revision 1.3 September 13, 2006
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
A6304A AITSEMI-A6304A Datasheet
821Kb / 10P
LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com