Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1540 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1540
Description  300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1540 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1540 Datasheet HTML 1Page - Semtech Corporation SC1540 Datasheet HTML 2Page - Semtech Corporation SC1540 Datasheet HTML 3Page - Semtech Corporation SC1540 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SC1540
SC1540A
© 2000 SEMTECH CORP.
300mA AND 500mA LOW DROPOUT
VOLTAGE REGULATORS WITH ENABLE
PRELIMINARY - May 1, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
4
OUTLINE DRAWING - SO-8
JEDEC
REF: MS-012AA
LAND PATTERN - SO-8
(1)
Note:
(1) More copper area should be used to lower R
TH(J-A) as needed.
ECN00-1038



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com