Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1540 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC1540
Description  300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1540 Datasheet(HTML) 3 Page - Semtech Corporation

  SC1540 Datasheet HTML 1Page - Semtech Corporation SC1540 Datasheet HTML 2Page - Semtech Corporation SC1540 Datasheet HTML 3Page - Semtech Corporation SC1540 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SC1540
SC1540A
© 2000 SEMTECH CORP.
300mA AND 500mA LOW DROPOUT
VOLTAGE REGULATORS WITH ENABLE
PRELIMINARY - May 1, 2000
652 MITCHELL ROAD NEWBURY PARK CA 91320
3
TYPICAL APPLICATION
VOUT
VIN
ENABLE SIGNAL
U1
SC1540(A)
VIN
EN
GND
VO
C2
10uF min.
C1
10uF
Tantalum
Tantalum
NOTES
(1) Input and output capacitors should be located close to the device.
(2) Connect all pins to PCB for optimal thermal characteristics.
(3) Increasing the output capacitor value will improve the overall transient response.
(4) The device is enabled when EN = VIN, and shut down when EN is pulled to ground. EN should not be taken
higher than VIN. A CMOS signal referenced to VIN would be ideal for switching the SC1540(A) on and off.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com