Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1545 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1545
Description  500mA SmartLDOTM With Power Up Signal Sequencing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1545 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1545 Datasheet HTML 1Page - Semtech Corporation SC1545 Datasheet HTML 2Page - Semtech Corporation SC1545 Datasheet HTML 3Page - Semtech Corporation SC1545 Datasheet HTML 4Page - Semtech Corporation SC1545 Datasheet HTML 5Page - Semtech Corporation SC1545 Datasheet HTML 6Page - Semtech Corporation SC1545 Datasheet HTML 7Page - Semtech Corporation SC1545 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
500mA SmartLDO
TM With Power Up
Signal Sequencing
SC1545
PRELIMINARY - January 17, 2000
5
TYPICAL CHARACTERISTICS
0
100
200
300
400
500
600
700
800
900
1000
0
255075
100
125
TJ (°C)
12VIN = 12V
12VIN Quiescent Current vs.
Junction Temperature
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
0
255075
100
125
TJ (°C)
5VSTBY = 5V
5VSTBY Quiescent Current (ON) vs.
Junction Temperature
4.0
4.1
4.1
4.2
4.2
4.3
4.3
4.4
4.4
4.5
4.5
025
50
75
100
125
TJ (°C)
5VSTBY RISING
5VSTBY FALLING
5VSTBY Under Voltage Lockout vs.
Junction Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
255075
100
125
TJ (°C)
5VSTBY = 5V
5VSTBY Quiescent Current (OFF) vs.
Junction Temperature
0
1
2
3
4
5
6
7
8
9
10
025
50
75
100
125
TJ (°C)
5VSTBY = 4.7V to 5.3V
LDO Line Regulation vs.
Junction Temperature
2.500
2.505
2.510
2.515
2.520
2.525
2.530
2.535
2.540
2.545
2.550
0
255075
100
125
TJ (°C)
IO = 1mA
IO = 500mA
5VSTBY = 5V
LDO Output Voltage vs.
Junction Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com