Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1545 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1545
Description  500mA SmartLDOTM With Power Up Signal Sequencing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1545 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1545 Datasheet HTML 1Page - Semtech Corporation SC1545 Datasheet HTML 2Page - Semtech Corporation SC1545 Datasheet HTML 3Page - Semtech Corporation SC1545 Datasheet HTML 4Page - Semtech Corporation SC1545 Datasheet HTML 5Page - Semtech Corporation SC1545 Datasheet HTML 6Page - Semtech Corporation SC1545 Datasheet HTML 7Page - Semtech Corporation SC1545 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
500mA SmartLDO
TM With Power Up
Signal Sequencing
SC1545
PRELIMINARY - January 17, 2000
1
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC1545 was designed for instantly available moth-
erboard applications. As part of the Semtech family of
SmartLDO’s it provides additional control functions not
available in a standard LDO.
The device provides the capability to control three sep-
arate supplies. There is an on-board 500mA, 2.5V
LDO with current limit protection, and drive pins for an
N-channel MOSFET and a P-channel MOSFET. Inter-
nal logic circuitry ensures that the system starts up in a
controlled manner, and that the correct outputs are en-
abled during specific sequences of BF_CUT and SLP.
The LDO draws its power from the 5V standby supply,
and the N-channel MOSFET drive is derived from the
12V supply.
The SC1545 is available in the surface mount SO-8
package.
FEATURES
• 500mA LDO with Over Current Protection (OCP)
• ±2.5% LDO regulation over line, load and
temperature
• Power sequencing for three supplies
APPLICATIONS
• Instantly available motherboards
• Embedded systems
• Desktop computers
ORDERING INFORMATION
Part Number
(1)
Package
SC1545CS
SO-8
Note:
(1) Add suffix ‘TR’ for tape and reel packaging.
TYPICAL APPLICATION CIRCUIT
2.5V OUT
5V STANDBY
12V IN
BF_CUT
SLP
2.5V IN
2.5V OUT
3.3V IN
3.3V OUT
U1
SC1545
1
2
3
4
5
6
7
8
VO
GND
PDR
NDR
SLP
BF_CUT
12VIN
5VSTBY
C5
10uF
C6
1uF
C7
0.1uF
C1
2 x 100uF
Q1
Si4410
Q2
IRLMS6802
C2
100uF
C3
2 x 100uF
C4
100uF


Similar Part No. - SC1545

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1540 SEMTECH-SC1540 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
SC1540A SEMTECH-SC1540A Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
SC1540ACS-1.8 SEMTECH-SC1540ACS-1.8 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
SC1540ACS-2.5 SEMTECH-SC1540ACS-2.5 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
SC1540ACS-3.3 SEMTECH-SC1540ACS-3.3 Datasheet
64Kb / 4P
300mA AND 500mA LOW DROPOUT VOLTAGE REGULATORS WITH ENABLE
More results

Similar Description - SC1545

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1532 SEMTECH-SC1532 Datasheet
109Kb / 9P
400mA SmartLDOTM with Internal Pass MOSFET
SC1534 SEMTECH-SC1534 Datasheet
94Kb / 7P
400mA SmartLDOTM
SC1537 SEMTECH-SC1537 Datasheet
95Kb / 7P
700mA SmartLDOTM
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
Power Sequencing Controllers
February 5, 2007
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
Power Sequencing Controllers
August 25, 2011
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
Power Sequencing Controllers
April 22, 2009
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
Power Sequencing Controllers
August 25, 2011
logo
Axiomtek Co., Ltd.
SBC81206 AXIOMTEK-SBC81206_14 Datasheet
135Kb / 2P
ISA with up to 500mA high drive supported
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
Power Sequencing Controller
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
Power Sequencing Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com